Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP192G Datasheet (PDF) - Toshiba Semiconductor

TLP192G Datasheet PDF - Toshiba Semiconductor
Part # TLP192G
Download  TLP192G Download
File Size   139.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocoupler Photorelay PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment

TLP192G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP192G Datasheet PDF - Toshiba Semiconductor

Part # TLP192G
Download  TLP192G Click to download

File Size   139.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocoupler Photorelay PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment

TLP192G Datasheet (HTML) - Toshiba Semiconductor


TLP192G Product details

PC Card Modems
PBX
STBs (Set-Top Boxes)
Measurement Equipment

The Toshiba TLP192G consists of an infrared emitting diode optically coupled to a photo-MOSFET in a 6-pin SOP package.
The TLP192G photorelay features high withstanding voltage between output pins, which makes it suitable for hook relay and dial-pulse applications for modems and facsimiles.
The TLP192G is also ideal for PCMCIA-compliant card modems due to the maximum mounted height as low as 2.1 mm.

• 6-pin SOP (2.54SOP6): Height = 2.1 mm, Pitch = 2.54 mm
• Normally open (1-form-A) device
• Peak off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 110 mA (max)
• On-state resistance: 35 Ω (max, t < 1 s)
• On-state resistance: 50 Ω (max, continuous)
• Isolation voltage: 1500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349




Similar Part No. - TLP192G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP192G TOSHIBA-TLP192G Datasheet
181Kb / 6P
Photorelay
TLP192G TOSHIBA-TLP192G_07 Datasheet
181Kb / 6P
Photorelay
More results


Similar Description - TLP192G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem® AX Cards, Modems In PC Measurement Instrumentation
18-Apr-2002
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
PBX Telecommunication Modem® AX Cards, Modems In PC Measurement Instrumentation
18-Apr-2002
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
logo
Pulse A Technitrol Comp...
CX6020NL PULSE-CX6020NL Datasheet
337Kb / 2P
DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES & HFC EQUIPMENT
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
IPC systems, Set top boxes, Modems
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_14 Datasheet
237Kb / 6P
PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
logo
Pulse A Technitrol Comp...
C6026 PULSE-C6026 Datasheet
139Kb / 5P
DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com