Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1333131 Datasheet (PDF) - PHOENIX CONTACT

1333131 Datasheet PDF - PHOENIX CONTACT
Part # 1333131
Download  1333131 Download
File Size   176.9 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USB cable - NBC-USB2.0-UAM/0,5-PVC/UAM

1333131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1333131 Datasheet PDF - PHOENIX CONTACT

Part # 1333131
Download  1333131 Click to download

File Size   176.9 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USB cable - NBC-USB2.0-UAM/0,5-PVC/UAM

1333131 Datasheet (HTML) - PHOENIX CONTACT


1333131 Product details

USB cable, design: USB-A, degree of protection: IP20, cable length: 0.5 m, number of positions:
9, cable outlet: straight, USB 2.0

Your advantages
• Data transmission up to 480 Mbps
• Reliable data transmission thanks to 100 % testing




Similar Part No. - 1333131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1333130 PHOENIX-1333130 Datasheet
175Kb / 5P
USB cable - NBC-USB2.0-UAM/0,3-PVC/UAM
1333136 PHOENIX-1333136 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/1,0-PVC/UAM
1333137 PHOENIX-1333137 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/1,5-PVC/UAM
1333138 PHOENIX-1333138 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/1,8-PVC/UAM
1333139 PHOENIX-1333139 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/2,0-PVC/UAM
More results


Similar Description - 1333131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1333130 PHOENIX-1333130 Datasheet
175Kb / 5P
USB cable - NBC-USB2.0-UAM/0,3-PVC/UAM
1333136 PHOENIX-1333136 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/1,0-PVC/UAM
1333137 PHOENIX-1333137 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/1,5-PVC/UAM
1333138 PHOENIX-1333138 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/1,8-PVC/UAM
1333139 PHOENIX-1333139 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/2,0-PVC/UAM
1333140 PHOENIX-1333140 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/3,0-PVC/UAM
1333145 PHOENIX-1333145 Datasheet
176Kb / 5P
USB cable - NBC-USB2.0-UAM/5,0-PVC/UAM
1333150 PHOENIX-1333150 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/0,5-PVC/UAM
1333157 PHOENIX-1333157 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/3,0-PVC/UAM
1333160 PHOENIX-1333160 Datasheet
177Kb / 5P
USB cable - NBC-USB3.0-UAM/0,5-PVC/UCM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com