Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701523 Datasheet (PDF) - PHOENIX CONTACT

2701523 Datasheet PDF - PHOENIX CONTACT
Part # 2701523
Download  2701523 Download
File Size   1244.14 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E EC DI8 DO4 2A M12 6P

2701523 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701523 Datasheet PDF - PHOENIX CONTACT

Part # 2701523
Download  2701523 Click to download

File Size   1244.14 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E EC DI8 DO4 2A M12 6P

2701523 Datasheet (HTML) - PHOENIX CONTACT


2701523 Product details

Axioline E, Digital I/O device, EtherCAT®, M12 fast connection technology, Digital inputs: 8, 24
V DC, connection technology: 4-conductor, Digital outputs: 4, 24 V DC, connection
technology: 3-conductor, Plastic housing, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within an EtherCAT® network. It is used to acquire and output digital signals.

Your advantages
• Connection to EtherCAT® network using M12 connectors (D-coded)
• Transmission speed of 100 Mbps
• Connection of digital sensors and actuators using M12connectors (A-coded)
• Diagnostic and status indicators
• Short-circuit and overload protection of the sensor supply
• IP65/IP67 degree of protection




Similar Part No. - 2701523

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701520 PHOENIX-2701520 Datasheet
1Mb / 31P
Digital module - AXL E EC DI8 DO8 M12 6P
Dec 9, 2022
2701521 PHOENIX-2701521 Datasheet
1Mb / 31P
Digital module - AXL E EC DI16 M12 6P
Dec 9, 2022
2701522 PHOENIX-2701522 Datasheet
1Mb / 31P
Digital module - AXL E EC DIO16 M12 6P
2701524 PHOENIX-2701524 Datasheet
117Kb / 6P
Distributed I/O device - AXL E EC IOL8 DI4 M12 6P
More results


Similar Description - 2701523

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8428 PHOENIX-8428 Datasheet
339Kb / 28P
AXL E EIP DI8 DO4 2A M12 6P
8438 PHOENIX-8438 Datasheet
290Kb / 17P
AXL E PB DI8 DO4 2A M12 6P
8449 PHOENIX-8449 Datasheet
301Kb / 18P
AXL E PN DI8 DO4 2A M12 6P
8543 PHOENIX-8543 Datasheet
333Kb / 25P
AXL E EC DI8 DO4 2A M12 6P
8553 PHOENIX-8553 Datasheet
320Kb / 22P
AXL E ETH DI8 DO4 2A M12 6P
2701495 PHOENIX-2701495 Datasheet
1Mb / 31P
Digital module - AXL E EIP DI8 DO4 2A M12 6P
Dec 9, 2022
2701512 PHOENIX-2701512 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO4 2A M12 6P
Dec 9, 2022
2701502 PHOENIX-2701502 Datasheet
1Mb / 33P
Digital module - AXL E PB DI8 DO4 2A M12 6P
2701535 PHOENIX-2701535 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO4 2A M12 6P
2701546 PHOENIX-2701546 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI8 DO4 2A M12 6P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com