Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89475 Datasheet (PDF) - fujitsu semiconductor

MB89475 Datasheet PDF - fujitsu semiconductor
Part # MB89475
Download  MB89475 Download
File Size   315.78 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89475 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89475 Datasheet PDF - fujitsu semiconductor

Part # MB89475
Download  MB89475 Click to download

File Size   315.78 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89475 Datasheet (HTML) - fujitsu semiconductor


MB89475 Product details

■ DESCRIPTION

The MB89470 series has been developed as a general-purpose version of the F2MC*-8L family consisting of

proprietary 8-bit, single-chip microcontrollers.

In addition to a compact instruction set, the microcontroller contains a variety of peripheral functions such as 21-bit time-base timer, watch prescaler, PWC timer, PWM timer, 8/16-bit timer/counter, external interrupt 1 (edge), external interrupt 2 (level) , 10-bit A/D converter, UART/SIO, buzzer, watchdog timer reset.

The MB89470 series is designed suitable for home appliance as well as in a wide range of applications for consumer product.



■ FEATURES

• Package used

   QFP package, LQFP package and SH-DIP package for MB89P475, MB89475 MQFP package for MB89PV470

• High-speed operating capability at low voltage

• Minimum execution time : 0.32 µs/12.5 MHz

• F2MC-8L family CPU core

   Instruction set optimized for controllers

      Multiplication and division instructions

      16-bit arithmetic operations

      Bit test and branch instructions

      Bit manipulation instructions, etc.

• Six timers

   PWC timer (also usable as an interval timer)

   PWM timer

   8/16-bit timer/counter × 2

   21-bit timebase timer

   Watch prescaler

• Buzzer

   7 frequency types are selectable by software

• External interrupts

   Edge detection (Selectable edge) : 4 channels

   Low-level interrupt (Wake-up function) : 5 channels

• A/D converter (8 channels)

   10-bit successive approximation type

• UART/SIO

   Synchronous/asynchronous data transfer capable

• Low-power consumption modes

   Stop mode (Oscillation stops to minimize the current consumption.)

   Sleep mode (The CPU stops to reduce the current consumption to approx. 1/3 of normal.)

   Subclock mode (for dual clock product)

   Watch mode (for dual clock product)

• Watch dog timer reset

• I/O ports : Max 39 channels



 




Similar Part No. - MB89475

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89475 FUJITSU-MB89475 Datasheet
494Kb / 48P
8-bit Proprietary Microcontroller
MB89475P-SH FUJITSU-MB89475P-SH Datasheet
494Kb / 48P
8-bit Proprietary Microcontroller
MB89475PFM FUJITSU-MB89475PFM Datasheet
494Kb / 48P
8-bit Proprietary Microcontroller
MB89475PFV FUJITSU-MB89475PFV Datasheet
494Kb / 48P
8-bit Proprietary Microcontroller
More results


Similar Description - MB89475

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com