Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADQ13Q04H Datasheet (PDF) - Nais(Matsushita Electric Works)

ADQ13Q04H Datasheet PDF - Nais(Matsushita Electric Works)
Part # ADQ13Q04H
Download  ADQ13Q04H Download
File Size   70.07 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 30A POWER LATCHING RELAY

ADQ13Q04H Datasheet (PDF)

Go To PDF Page Download Datasheet
ADQ13Q04H Datasheet PDF - Nais(Matsushita Electric Works)

Part # ADQ13Q04H
Download  ADQ13Q04H Click to download

File Size   70.07 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 30A POWER LATCHING RELAY

ADQ13Q04H Datasheet (HTML) - Nais(Matsushita Electric Works)


ADQ13Q04H Product details

FEATURES
1. Compact with high capacity
   Although compact this relay can handle
   high capacity control of 30A.
2. Latching type
   With latching this relay contributes to en
   ergy conservation in devices.
3. High insulation
   Designed with an insulation distance of at
   least 8 mm.
4. Cadmium and lead free
5. Complies with safety standards
   UL, CSA and VDE approved.

TYPICAL APPLICATIONS
• Time switches
• Electric water heaters
• Remote control of electric power meters




Similar Part No. - ADQ13Q04H

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ADQ1000RE OHMITE-ADQ1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
More results


Similar Description - ADQ13Q04H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE6 HONGFA-HFE6 Datasheet
58Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com