Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-2829-TR2 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSMS-2829-TR2 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSMS-2829-TR2
Download  HSMS-2829-TR2 Download
File Size   212.43 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount RF Schottky Barrier Diodes

HSMS-2829-TR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMS-2829-TR2 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSMS-2829-TR2
Download  HSMS-2829-TR2 Click to download

File Size   212.43 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Surface Mount RF Schottky Barrier Diodes

HSMS-2829-TR2 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSMS-2829-TR2 Product details

Description/Applications
These Schottky diodes are specifically designed for both analog and digital applications. This series offers a wide range of specifications and package configurations to give the designer wide flexibility. Typical applications of these Schottky diodes are mixing, detecting, switching, sampling, clamping, and wave shaping. The HSMS-2800 series of diodes is optimized for high voltage applications. The HSMS-2810 series of diodes features very low flicker (1/f) noise. The HSMS-2820 series of diodes is the best all-around choice for most applications, featuring low series resistance, low forward voltage at all current levels and good RF characteristics. The HSMS-2860 series is a high performance diode offering superior Vf and ultra-low capacitance.

Features
• Surface Mount SOT-23/SOT-143 Package
• Low Turn-On Voltage (As Low as 0.34 V at 1 mA)
• Low FIT (Failure in Time) Rate*
• Six-sigma Quality Level
• Single, Dual and Quad Versions
• Tape and Reel Options Available




Similar Part No. - HSMS-2829-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2829-TR2 HP-HSMS-2829-TR2 Datasheet
209Kb / 14P
Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2829-TR2G AVAGO-HSMS-2829-TR2G Datasheet
505Kb / 15P
Surface Mount RF Schottky Barrier
More results


Similar Description - HSMS-2829-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com