Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1266 Datasheet (PDF) - Microchip Technology

TC1266 Datasheet PDF - Microchip Technology
Part # TC1266
Download  TC1266 Download
File Size   519.26 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 200mA PCI LDO

TC1266 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1266 Datasheet PDF - Microchip Technology

Part # TC1266
Download  TC1266 Click to download

File Size   519.26 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 200mA PCI LDO

TC1266 Datasheet (HTML) - Microchip Technology


TC1266 Product details

General Description

The TC1266 is an application-specific, low dropout regulator (LDO), specifically intended for use in PCI peripheral card applications complying with PCI Power Management (PCI 2.0). It provides an uninterrupted, 3.3V, 200mA (max) output voltage when the main (5V) or auxiliary (3.3V) input voltage supplies are present.



Features

• Glitch Free Transition Between Input Sources

• Automatic Input Source Selection

• External PMOS Bypass Switch Control

• Built-in 5V Detector

• 1% Regulated Output Voltage Accuracy

• 200mA Load Current Capability

• Kelvin Sense Input

• Low Dropout Voltage (240mV @ Full Load)

• Low Ground Current, Independent of Load



Applications

• PCMCIA

• PCI

• Network Interface Cards (NICs)

• CardbusTM Technology




Similar Part No. - TC1266

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC1266 CDE-TC1266 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC1266VOA MICROCHIP-TC1266VOA Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
TC1266VUA MICROCHIP-TC1266VUA Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
More results


Similar Description - TC1266

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266 MICROCHIP-TC1266_13 Datasheet
302Kb / 18P
200mA PCI LDO
2001-2012 11/27/12
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
400mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM3411 MITSUMI-MM3411 Datasheet
283Kb / 24P
200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
200mA LDO
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
200mA LDO
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
Negative output 200mA LDO
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com