Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC09QJ800 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADC09QJ800 Datasheet PDF - Texas Instruments
Part # ADC09QJ800
Download  ADC09QJ800 Download
File Size   4936.24 Kbytes
Page   152 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC09xJ800-Q1 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface

ADC09QJ800 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC09QJ800 Datasheet PDF - Texas Instruments

Part # ADC09QJ800
Download  ADC09QJ800 Click to download

File Size   4936.24 Kbytes
Page   152 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC09xJ800-Q1 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface

ADC09QJ800 Datasheet (HTML) - Texas Instruments


ADC09QJ800 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• ADC Core:
– Resolution: 9 Bit
– Non-interleaved architecture
– Internal dither reduces high-order harmonics
• Performance specifications:
– SNR (–1 dBFS, 97 MHz): 53.5 dBFS
– ENOB (–1 dBFS, 97 MHz): 8.51 Bits
– SFDR (–1 dBFS, 97 MHz): 64 dBFS
– Noise floor (–20 dBFS, 97 MHz): –140.5
dBFS/Hz
• Full-scale input voltage: 800 mVPP-DIFF
• Full-power input bandwidth: 6 GHz
• JESD204C Serial data interface:
– Support for 2 to 8 (Quad/Dual channel) or 1 to 4
(Single channel) total SerDes lanes
– Maximum baud-rate: 17.16 Gbps
– 64B/66B and 8B/10B encoding modes
– Subclass-1 support for deterministic latency
– Compatible with JESD204B receivers
• Optional internal sampling clock generation
– Internal PLL and VCO (7.2–8.2 GHz)
• SYSREF Windowing eases synchronization
• Four clock outputs simplify system clocking
– Reference clocks for FPGA or adjacent ADC
– Reference clock for SerDes transceivers
• Timestamp input and output for pulsed systems
• Power consumption (800 MSPS):
– Quad Channel: 420 mW / channel
– Dual channel: 555 mW / channel
– Single channel: 840 mW
• Power supplies: 1.1 V, 1.9 V

2 Applications
• Light detection and ranging (LiDAR)

3 Description
ADC09xJ800-Q1 is a family of quad, dual and
single channel, 9-bit, 800 MSPS analog-to-digital
converters (ADC). Low power consumption, high
sampling rate and 9-bit resolution makes the
ADC09xJ800-Q1 suited for light detection and ranging
(LiDAR) systems. The ADC09xJ800-Q1 is qualified
for automotive applications.
Full-power input bandwidth (-3 dB) of 6 GHz provides
flat frequency response for frequency modulated
continuous wave (FMCW) LiDAR systems and
provides a narrow impulse response for pulse-based
systems. The full-power input bandwidth also enables
direct RF sampling of up to 4 GHz.




Similar Part No. - ADC09QJ800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC09QJ800 TI-ADC09QJ800 Datasheet
4Mb / 151P
ADC09xJ800 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
SBASAG1 ??OCTOBER 2021
ADC09QJ800 TI2-ADC09QJ800 Datasheet
4Mb / 155P
ADC09xJ800-Q1 Quad, Dual, Single Channel, 800MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
REVISED OCTOBER 2024
ADC09QJ800-Q1 TI-ADC09QJ800-Q1 Datasheet
4Mb / 151P
ADC09xJ800-Q1 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09QJ800-Q1 TI-ADC09QJ800-Q1 Datasheet
4Mb / 151P
ADC09xJ800 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
SBASAG1 ??OCTOBER 2021
ADC09QJ800-Q1 TI2-ADC09QJ800-Q1 Datasheet
4Mb / 155P
ADC09xJ800-Q1 Quad, Dual, Single Channel, 800MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
REVISED OCTOBER 2024
More results


Similar Description - ADC09QJ800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC09QJ1300-Q1 TI1-ADC09QJ1300-Q1 Datasheet
1Mb / 119P
ADC09QJ1300-Q1 Quad Channel, 1.3 -GSPS, 9-bit Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09QJ1300-Q1 TI-ADC09QJ1300-Q1_V01 Datasheet
1Mb / 119P
ADC09QJ1300-Q1 Quad Channel, 1.3 -GSPS, 9-bit Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09QJ1300-Q1 TI-ADC09QJ1300-Q1_V02 Datasheet
1Mb / 120P
ADC09QJ1300-Q1 Quad Channel, 1.3 -GSPS, 9-bit Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09QJ1300-Q1 TI-ADC09QJ1300-Q1_V03 Datasheet
7Mb / 157P
ADC09xJ1300-Q1 Quad/Dual/Single Channel, 1.3-GSPS, 9-bit Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09DJ800-Q1 TI-ADC09DJ800-Q1 Datasheet
4Mb / 151P
ADC09xJ800-Q1 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09QJ1300-Q1 TI-ADC09QJ1300-Q1_V04 Datasheet
6Mb / 155P
ADC09xJ1300-Q1 Quad/Dual/Single Channel, 1.3-GSPS, 9-bit Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC12QJ800-Q1 TI-ADC12QJ800-Q1 Datasheet
6Mb / 151P
ADC12xJ800-Q1 Quad, Dual, Single Channel, 800-MSPS, 12-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
ADC09QJ1300 TI-ADC09QJ1300 Datasheet
6Mb / 155P
ADC09xJ1300 Quad, Dual, Single Channel, 1.3-GSPS, 9-bit Analog-to-Digital Converter (ADC) with JESD204C Interface
SBASAF6 ??OCTOBER 2021
ADC09QJ800 TI-ADC09QJ800 Datasheet
4Mb / 151P
ADC09xJ800 Quad, Dual, Single Channel, 800-MSPS, 9-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
SBASAG1 ??OCTOBER 2021
ADC12QJ800 TI-ADC12QJ800 Datasheet
6Mb / 151P
ADC12xJ800 Quad, Dual, Single Channel, 800-MSPS, 12-bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
SBASAG0 ??OCTOBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com