Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3301 Datasheet (PDF) - Texas Instruments

CC3301 Datasheet PDF - Texas Instruments
Part # CC3301
Download  CC3301 Download
File Size   594.4 Kbytes
Page   10 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver

CC3301 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC3301 Datasheet PDF - Texas Instruments

Part # CC3301
Download  CC3301 Click to download

File Size   594.4 Kbytes
Page   10 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver

CC3301 Datasheet (HTML) - Texas Instruments


CC3301 Product details

1 Features
• Highly optimized Wi-Fi® 6 and Bluetooth®
Low Energy 5.2 system for low-cost industrial
embedded applications
• Designed to integrate with any MPU or MCU host
capable of running a TCP/IP stack
• Wi-Fi 6
– MAC, baseband, and RF transceiver with
support for IEEE 802.11 b/g/n/ax
– TWT and OFDMA for improved efficiency
– Hardware-based encryption and decryption
using supporting WPA2 and WPA3
– Excellent interoperability
• Bluetooth Low Energy 5.2
– Bluetooth 5.2 supporting long-range and highspeed
PHYs (up to 2 Mbps)
– Host controller interface (HCI) transport for
Bluetooth with option for shared SDIO or UART
• Integrated 2.4-GHz PA for complete wireless
solution with up to +20-dBm output power,
enabling great Wi-Fi performance and longer BLE
range
• Operating temperature: -40°C to +105°C
• Application throughput up to 50 Mbps
• Support for 4-bit SDIO or SPI host interfaces
• Enhanced Security
– Secured host interface
– Firmware authentication
– Anti-rollback protection
• Advanced Features
– Multirole support (STA and AP) to connect
directly with other Wi-Fi devices on different RF
channels (Wi-Fi networks)
– Optional antenna diversity or selection
– 3-wire or 1-wire PTA for external coexistence
with additional 2.4-GHz radios (for example,
Thread or Zigbee)
• Power Management
– VMAIN, VIO, Vpp: 1.8 V
– VPA: 2.1 V to 4.2 V
• Clock Sources
– 40-MHz XTAL fast clock
– Internal LFOSC or external 32.768-kHz slow
clock
• Small Package Size
– Easy to design with 40-pin, 5-mm x 5-mm quad
flat noleaded (QFN) package, 0.4-mm pitch

2 Applications
• Grid Infrastructure
– Electricity Meter
– String Inverter
– Micro Inverter
– Energy Storage Power Conversion System
(PCS)
• Building and Home Automation
– HVAC Controller
– HVAC Gateway
– Thermostat
– Building Security Gateway
– Garage door system
– IP network camera/ Video doorbell
– Wireless security camera
• Appliances
– Refrigerator & freezer
– Oven
– Washer & dryer
– Residential water heater & heating system
– Air purifier & humidifier
– Coffee machine
– Air conditioner indoor unit
– Vacuum robot
– Robotic lawn mower
• Medical
– Infusion pump
– Electronic hospital bed & bed control
– Multiparameter patient monitor
– Blood glucose monitor
– Blood pressure monitor
– CPAP machine
– Telehealth systems
– MRI
– Ultrasound scanner
– Ultrasound smart probe
– Electric toothbrush
• Retail Automation and Payment

3 Description
CC330x is a highly integrated single-chip WLAN and Bluetooth Low Energy device. The device is the 10thgeneration
connectivity combo chip from Texas Instruments. As such, the CC330x is based upon proven
technology and complements the TI integrated devices for connectivity portfolio. This device is ideal for use
in cost-sensitive embedded applications with a Linux or RTOS host running TCP/IP, where the peak throughput
requirement is 50 Mbps maximum at the IP layer. CC330x brings the efficiency of Wi-Fi 6 to embedded device
applications with a small PCB footprint and highly optimized bill of materials.




Similar Part No. - CC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3301 TI2-CC3301 Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301ENJARSBR TI2-CC3301ENJARSBR Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301ENJARSBR.A TI2-CC3301ENJARSBR.A Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301ENJARSBR.B TI2-CC3301ENJARSBR.B Datasheet
1Mb / 31P
CC330x SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy companion IC
REVISED DECEMBER 2023
CC3301MOD TI-CC3301MOD Datasheet
806Kb / 13P
CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
SEPTEMBER 2024
More results


Similar Description - CC3301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Toshiba Semiconductor
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
17-Jan-2018
TC3567DFSG-002 TOSHIBA-TC3567DFSG-002 Datasheet
697Kb / 49P
TC3567DFSG-002 Bluetooth® low energy IC
26-Apr-2018
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Silicon Laboratories
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
WGM160P SILABS-WGM160P Datasheet
1Mb / 46P
WGM160P Wi-Fi® Module
Rev. 1.3
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com