Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV9001 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV9001 Datasheet PDF - Texas Instruments
Part # TLV9001
Download  TLV9001 Download
File Size   2418.62 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier

TLV9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9001 Datasheet PDF - Texas Instruments

Part # TLV9001
Download  TLV9001 Click to download

File Size   2418.62 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier

TLV9001 Datasheet (HTML) - Texas Instruments


TLV9001 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Scalable CMOS amplifier for low-cost applications
• Rail-to-rail input and output
• Low input offset voltage: ±0.4 mV
• Unity-gain bandwidth: 1 MHz
• Low broadband noise: 27 nV/√ Hz
• Low input bias current: 5 pA
• Low quiescent current: 60 μA/Ch
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 1.8 V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Functional Safety-Capable
– Functional Safety Information

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment & Cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) & wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• Single-supply, low-side, unidirectional currentsensing
circuit

3 Description
The TLV900x-Q1 family includes single (TLV9001-
Q1), dual (TLV9002-Q1), and quad-channel
(TLV9004-Q1) low-voltage (1.8 V to 5.5 V) operational
amplifiers (op amps) with rail-to-rail input and output
swing capabilities. These op amps provide a costeffective
solution for space-constrained automotive
applications such as infotainment and lighting where
low-voltage operation and high capacitive-load drive
are required. The capacitive-load drive of the
TLV900x-Q1 family is 500 pF, and the resistive openloop
output impedance makes stabilization easier with
much higher capacitive loads. These op amps are
designed specifically for low-voltage operation (1.8 V
to 5.5 V) with performance specifications similar to the
TLV600x-Q1 devices.
The robust design of the TLV900x-Q1 family simplifies
circuit design. The op amps feature unity-gain
stability, an integrated RFI and EMI rejection filter, and
no-phase reversal in overdrive conditions.




Similar Part No. - TLV9001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9001 TI1-TLV9001 Datasheet
896Kb / 23P
Low-Power, Rail-to-Rail In or Out, 1.2-MHz Operational Amplifier
TLV9001 TI1-TLV9001 Datasheet
1Mb / 32P
Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
TLV9001 TI1-TLV9001 Datasheet
3Mb / 45P
Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
TLV9001 TI1-TLV9001 Datasheet
3Mb / 57P
Low-Power, Rail-to-Rail In and Out, 1-MHz Operational Amplifier
TLV9001 TI1-TLV9001 Datasheet
4Mb / 70P
Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
More results


Similar Description - TLV9001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9001-Q1 TI1-TLV9001-Q1 Datasheet
997Kb / 32P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
TLV9001 TI1-TLV9001_V01 Datasheet
5Mb / 82P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9002-Q1 TI1-TLV9002-Q1 Datasheet
1Mb / 32P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
TLV9002-Q1 TI-TLV9002-Q1_V01 Datasheet
1Mb / 37P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
TLV9001 TI-TLV9001_V02 Datasheet
5Mb / 86P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
TLV9001-Q1 TI-TLV9001-Q1_V01 Datasheet
2Mb / 44P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
TLV9001-Q1 TI-TLV9001-Q1_V02 Datasheet
2Mb / 46P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED OCTOBER 2021
TLV9001-Q1 TI-TLV9001-Q1_V03 Datasheet
1Mb / 45P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED DECEMBER 2022
TLV9001 TI-TLV9001_V04 Datasheet
6Mb / 98P
TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
REVISED NOVEMBER 2021
TLV9001-Q1 TI-TLV9001-Q1_V05 Datasheet
2Mb / 49P
TLV900x-Q1 Low-Power RRIO 1-MHz Automotive Operational Amplifier
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com