Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet (PDF) - STMicroelectronics

M24M01-R Datasheet PDF - STMicroelectronics
Part # M24M01-R
Download  M24M01-R Download
File Size   832.76 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1-Mbit serial I²C bus EEPROM

M24M01-R Datasheet (PDF)

Go To PDF Page Download Datasheet
M24M01-R Datasheet PDF - STMicroelectronics

Part # M24M01-R
Download  M24M01-R Click to download

File Size   832.76 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1-Mbit serial I²C bus EEPROM

M24M01-R Datasheet (HTML) - STMicroelectronics


M24M01-R Product details

Features
• Compatible with all I2C bus modes:
– 1 MHz
– 400 kHz
– 100 kHz
• Memory array:
– 1 Mbit (128 Kbyte) of EEPROM
– Page size: 256 byte
– Additional Write lockable page (M24M01-D
order codes)
• Single supply voltage and high speed:
– 1 MHz clock from 1.7 V to 5.5 V
• Write:
– Byte Write within 5 ms
– Page Write within 5 ms
• Operating temperature range:
– from -40 °C up to +85 °C
• Random and sequential Read modes
• Write protect of the whole memory array
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-years data retention

Packages
• SO8 ECOPACK2®
• TSSOP8 ECOPACK2®
• WLCSP ECOPACK2®
• Unsawn wafer (each die is tested)




Similar Part No. - M24M01-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R Datasheet
287Kb / 30P
1 Mbit serial I짼C bus EEPROM
26-Nov-2007
M24M01-R STMICROELECTRONICS-M24M01-R Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
M24M01-RCS3G/A STMICROELECTRONICS-M24M01-RCS3G/A Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
M24M01-RCS3P/A STMICROELECTRONICS-M24M01-RCS3P/A Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
M24M01-RCS3TG/A STMICROELECTRONICS-M24M01-RCS3TG/A Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
More results


Similar Description - M24M01-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R Datasheet
287Kb / 30P
1 Mbit serial I짼C bus EEPROM
26-Nov-2007
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24M01-R STMICROELECTRONICS-M24M01-R_09 Datasheet
429Kb / 37P
1 Mbit serial I²C bus EEPROM
26-Jun-2009
M24M01-R STMICROELECTRONICS-M24M01-R_12 Datasheet
376Kb / 38P
1-Mbit serial I²C bus EEPROM
26-Sep-2012
logo
Microchip Technology
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M24M02-DR STMICROELECTRONICS-M24M02-DR_V01 Datasheet
1,005Kb / 40P
2-Mbit serial I²C bus EEPROM
18-Oct-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com