Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet (PDF) - STMicroelectronics

TS4962 Datasheet PDF - STMicroelectronics
Part # TS4962
Download  TS4962 Download
File Size   1267.86 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3W Filter-free Class D Audio Power Amplifier

TS4962 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4962 Datasheet PDF - STMicroelectronics

Part # TS4962
Download  TS4962 Click to download

File Size   1267.86 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3W Filter-free Class D Audio Power Amplifier

TS4962 Datasheet (HTML) - STMicroelectronics


TS4962 Product details

Description
The TS4962 is a differential class-D BTL power amplifier. It can drive up to 2.2 W into a 4 Ω load and 1.4 W into an 8 Ω load at 5 V. It achieves outstanding efficiency (88% typ.) compared to standard AB-class audio amps.

Features
■ Operating from VCC = 2.4 V to 5.5 V
■ Standby mode active low
■ Output power: 2.8 W into 4 Ω and 1.7 W into 8 Ωwith 10% THD+N maximum and 5 V power supply
■ Output power: 2.2 W at 5 V or 0.7 W at 3.0 V into 4 Ω with 1% THD+N maximum
■ Output power: 1.4 W at 5 V or 0.5 W at 3.0 V into 8 Ω with 1% THD+N maximum
■ Adjustable gain via external resistors
■ Low current consumption 2 mA at 3 V
■ Efficiency: 88% typical
■ Signal to noise ratio: 85 dB typical
■ PSRR: 63 dB typical at 217 Hz with 6 dB gain
■ PWM base frequency: 280 kHz
■ Low pop & click noise
■ Thermal shutdown protection
■ Available in DFN8 3 x 3 mm package

Applications
■ Cellular phones
■ PDAs
■ Notebook PCs




Similar Part No. - TS4962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
606Kb / 46P
2.8W filter-free mono class D audio power amplifier
10-Jan-2007
TS4962 STMICROELECTRONICS-TS4962 Datasheet
997Kb / 44P
2.8 W filter-free mono class D audio power amplifier
17-Mar-2020
TS4962IQT STMICROELECTRONICS-TS4962IQT Datasheet
606Kb / 46P
2.8W filter-free mono class D audio power amplifier
10-Jan-2007
TS4962IQT STMICROELECTRONICS-TS4962IQT Datasheet
997Kb / 44P
2.8 W filter-free mono class D audio power amplifier
17-Mar-2020
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
3W Filter - free Class D Audio Power Amplifier
Dec-2005
More results


Similar Description - TS4962

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962M STMICROELECTRONICS-TS4962M Datasheet
1Mb / 32P
3W Filter - free Class D Audio Power Amplifier
Dec-2005
TS4962M STMICROELECTRONICS-TS4962M_07 Datasheet
1Mb / 41P
3W filter-free class D audio power amplifier
10-Jan-2007
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI1-TPA2005D1 Datasheet
1Mb / 42P
MONO Filter-Free Class-D Audio Power Amplifier
TPA2006D1 TI1-TPA2006D1 Datasheet
1Mb / 32P
MONO Filter-free Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3111D1-Q1 TI1-TPA3111D1-Q1 Datasheet
1Mb / 31P
Filter-Free Mono Class-D Audio Power Amplifier
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
Filter-Free Mono Class-D Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
January 01, 2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com