Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLP2992IM5X-5.0 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPLP2992IM5X-5.0 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPLP2992IM5X-5.0
Download  TPLP2992IM5X-5.0 Download
File Size   4411.84 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 24V,300mA,2uA, Higt PSRR Voltage Reaulator

TPLP2992IM5X-5.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPLP2992IM5X-5.0 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPLP2992IM5X-5.0
Download  TPLP2992IM5X-5.0 Click to download

File Size   4411.84 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 24V,300mA,2uA, Higt PSRR Voltage Reaulator

TPLP2992IM5X-5.0 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPLP2992IM5X-5.0 Product details

Features
• 2μA Ground Current at no Load
• ±2% Output Accuracy
• 300mA Output Current
• Wide Operating Input Voltage Range: 2V to
24V
• Dropout Voltage: 0.35V at 100mA (VouT=5V)
• Support Fixed Output Voltage 1.8V, 3.3V, 5V,
• Stable with Ceramic or Tantalum Capacitor
• Current Limit Protection
• Over-Temperature Protection
• SOT-23-5 Package Available
• LP29921M5X-3.3 Pin to Pin Fully Compatible




Similar Part No. - TPLP2992IM5X-5.0

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPLP2992IM5X-5.0 TECHPUBLIC-TPLP2992IM5X-5.0 Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPLP2992IM5X-5.0 TECHPUBLIC-TPLP2992IM5X-5.0 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
TPLP2992IM5X-5.0 TECHPUBLIC-TPLP2992IM5X-5.0 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
TPLP2992IM5X-5.0 TECHPUBLIC-TPLP2992IM5X-5.0 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
More results


Similar Description - TPLP2992IM5X-5.0

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNCP718ASN330T1G TECHPUBLIC-TPNCP718ASN330T1G Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5235-5.0YM5 TECHPUBLIC-TPMIC5235-5.0YM5 Datasheet
2Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPLP2992IM5X-1.8 TECHPUBLIC-TPLP2992IM5X-1.8 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
TPLP2992IM5X-2.5 TECHPUBLIC-TPLP2992IM5X-2.5 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
TPLP2992IM5X-3.0 TECHPUBLIC-TPLP2992IM5X-3.0 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
TPNCP718ASN180T1G TECHPUBLIC-TPNCP718ASN180T1G Datasheet
2Mb / 6P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
TPNCP718ASN250T1G TECHPUBLIC-TPNCP718ASN250T1G Datasheet
2Mb / 6P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
XC6204B182MR TECHPUBLIC-XC6204B182MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
XC6204B252MR TECHPUBLIC-XC6204B252MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
XC6204B282MR TECHPUBLIC-XC6204B282MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com