Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS799 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPS799 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPS799
Download  TPS799 Download
File Size   6556.98 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300mA 2uA Higt PSRR Voltage Regulator

TPS799 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS799 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPS799
Download  TPS799 Click to download

File Size   6556.98 Kbytes
Page   10 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 300mA 2uA Higt PSRR Voltage Regulator

TPS799 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPS799 Product details

Features
• 2μA Ground Current at no Load
• ±2% Output Accuracy
• 300mA Output Current
. 10nA Disable Current (by option)
• Wide Operating Input Voltage Range: 1.2V to
5.5V
• Dropout Voltage: 0.18V at 300mA (VOUT=3.3V)
• Support Fixed Output Voltage 1.2V, 1.5V, 1.6V,
1.8V, 2.5V, 2.8V, 3.0V, 3.3V
. Stable with Ceramic or Tantalum Capacitor
• Current Limit Protection
• Over-Temperature Protection
• SOT23-5 Package




Similar Part No. - TPS799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799 TI-TPS799 Datasheet
1Mb / 39P
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout LinearRegulator
TPS799 TI1-TPS799 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS799 TI2-TPS799 Datasheet
2Mb / 49P
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
REVISED FEBRUARY 2022
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
TPS799-Q1 TI2-TPS799-Q1 Datasheet
2Mb / 49P
TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
REVISED FEBRUARY 2022
More results


Similar Description - TPS799

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPLP2992IM5X-3.3 TECHPUBLIC-TPLP2992IM5X-3.3 Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPNCP718ASN330T1G TECHPUBLIC-TPNCP718ASN330T1G Datasheet
4Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPMIC5235-5.0YM5 TECHPUBLIC-TPMIC5235-5.0YM5 Datasheet
2Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5255-3.3YM5 TECHPUBLIC-TPMIC5255-3.3YM5 Datasheet
2Mb / 6P
300mA 2uA Higt PSRR Voltage Reaulator
TP132C18D4 TECHPUBLIC-TP132C18D4 Datasheet
3Mb / 12P
300mA 2uA Higt PSRR Voltage Reaulalorsl
TPLP2992IM5X-2.5 TECHPUBLIC-TPLP2992IM5X-2.5 Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
TPNCP718ASN250T1G TECHPUBLIC-TPNCP718ASN250T1G Datasheet
2Mb / 6P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator
XC6204B252MR TECHPUBLIC-XC6204B252MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com