Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULC0511CDN Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ULC0511CDN Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ULC0511CDN
Download  ULC0511CDN Download
File Size   2193.18 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional TVS Diode

ULC0511CDN Datasheet (PDF)

Go To PDF Page Download Datasheet
ULC0511CDN Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ULC0511CDN
Download  ULC0511CDN Click to download

File Size   2193.18 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional TVS Diode

ULC0511CDN Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ULC0511CDN Product details

Features
Ultra small package: 1.0x0.6x0.5mm
• Ultra low capacitance:0.3pF typical
• Ultra low leakage: nA level
• Low operating voltage: +5V
• Low clamping voltage
• 2-pin leadless package
• Complies with following standards:
.- IEC 61000-4-2 (ESD) immunity test
Air discharge: 30kV
Contact discharge: +25kV
IEC61000-4-5 (Lightning)4A (8/20 µs)
RoHS Compliant
• Lead Finish: NiPdAu




Similar Part No. - ULC0511CDN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC0511CDN LEIDITECH-ULC0511CDN Datasheet
161Kb / 3P
USB 2.0 power and data line
ULC0511CDN30 LEIDITECH-ULC0511CDN30 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
ULC0511CDN30Q LEIDITECH-ULC0511CDN30Q Datasheet
975Kb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
More results


Similar Description - ULC0511CDN

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com