Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDO-512 Datasheet (PDF) - STMicroelectronics

LDO-512 Datasheet PDF - STMicroelectronics
Part # LDO-512
Download  LDO-512 Download
File Size   278.44 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators

LDO-512 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDO-512 Datasheet PDF - STMicroelectronics

Part # LDO-512
Download  LDO-512 Click to download

File Size   278.44 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators

LDO-512 Datasheet (HTML) - STMicroelectronics


LDO-512 Product details

IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators

■ RF REGULATOR
■ VERY LOW DROPOUT VOLTAGE : 30mV
■ ULTRA LOW OUTPUT VOLTAGE NOISE
■ HIGH PSRR : 70dB
■ LOW STAND-BY CURRENT : 20µA
■ LOW QUIESCENT CURRENT : 150µA FULL LOAD
■ NO CURRENT IN POWER DOWN MODE
■ SHORT CIRCUIT PROTECTION
■ SMALL DECOUPLING CERAMIC CAPACITOR
■ BIPOLAR INPUT STAGE

TYPICAL APPLICATIONS
– Cellular and Cordless phones supplied by 1 cell Lithium-ion battery / 3 cells Ni-MH or Ni-Cd battery
– PDA (Personal Digital Assistant)
– Smart phone
– Portable equipment
– Supply for RF devices for cellular phone




Similar Part No. - LDO-512

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C EMERSON-NETWORKPOWER-LDO03C Datasheet
120Kb / 4P
LDO03C Series
logo
Advanced Energy Industr...
LDO03C ADVANCEDENERGY-LDO03C Datasheet
419Kb / 6P
15 Watts
logo
Artesyn Technologies
LDO03C-005W05-HJ ARTESYN-LDO03C-005W05-HJ Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C-005W05-HJ EMERSON-NETWORKPOWER-LDO03C-005W05-HJ Datasheet
120Kb / 4P
LDO03C Series
More results


Similar Description - LDO-512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDO512 STMICROELECTRONICS-LDO512 Datasheet
269Kb / 6P
IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
Jun-2002
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
logo
ams AG
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
SeCoS Halbleitertechnol...
SEMP8965 SECOS-SEMP8965 Datasheet
652Kb / 11P
Fast Ultra High-PSRR, Low Noise, Low-Dropout
logo
ams AG
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com