Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9080LR3 Datasheet (PDF) - Freescale Semiconductor, Inc

MRF9080LR3 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF9080LR3
Download  MRF9080LR3 Download
File Size   316.12 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)

MRF9080LR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9080LR3 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF9080LR3
Download  MRF9080LR3 Click to download

File Size   316.12 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistors(N−Channel Enhancement−Mode Lateral MOSFETs)

MRF9080LR3 Datasheet (HTML) - Freescale Semiconductor, Inc


MRF9080LR3 Product details

RF Power Field Effect Transistors
N−Channel Enhancement−Mode Lateral MOSFETs

Designed for GSM 900 MHz frequency band, the high gain and broadband performance of these devices make them ideal for large−signal, common− source amplifier applications in 26 volt base station equipment.

• Typical Performance for GSM Frequencies, 921 to 960 MHz, 26 Volts
   Output Power @ P1db: 75 Watts
   Power Gain @ P1db: 18.5 dB
   Efficiency @ P1db: 55%
• Internally Matched, Controlled Q, for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 921 MHz, 90 Watts CW
   Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large−Signal Impedance Parameters
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates
   40µ″ Nominal.
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.




Similar Part No. - MRF9080LR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9080LR3 FREESCALE-MRF9080LR3 Datasheet
223Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9080LR3 FREESCALE-MRF9080LR3_08 Datasheet
223Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Similar Description - MRF9080LR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1513NT1 FREESCALE-MRF1513NT1 Datasheet
479Kb / 16P
RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET
MRF9060 FREESCALE-MRF9060 Datasheet
237Kb / 12P
RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com