Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS2 Datasheet (PDF) - SMC Diode Solutions Co. LTD

ABS2 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # ABS2
Download  ABS2 Download
File Size   325.33 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

ABS2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS2 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # ABS2
Download  ABS2 Click to download

File Size   325.33 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

ABS2 Datasheet (HTML) - SMC Diode Solutions Co. LTD


ABS2 Product details

Features
Mechanical Data
- Case: SOPA-4, Molded plastic ABS
- Terminals: Plated leads solderable per MIL-STD-202,
Method 208
- Polarity: as marked on case
- Mounting Position: Any
- Glass passivated die construction
- Low forward voltage drop
- High current capability
- High surge current capability
- Designed for surface mount application
- Plastic material-UL flammability 94V-0
- This is a Pb − Free Device
- All SMC parts are traceable to the wafer lot
- Additional testing can be offered upon request




Similar Part No. - ABS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABS2 ETC1-ABS2 Datasheet
451Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2 Datasheet
58Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2 Datasheet
244Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Diotech Company.
ABS2 DIOTECH-ABS2 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2 Datasheet
338Kb / 2P
Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
More results


Similar Description - ABS2

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2 Datasheet
1Mb / 2P
Single Phase 0.8Amp Surface Mount Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
ABS2 DYELEC-ABS2 Datasheet
1Mb / 2P
SINGLE PHASE SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 0.8AMP
MB05F DYELEC-MB05F Datasheet
747Kb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05M DYELEC-MB05M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S DYELEC-MB05S Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
ABF2 DYELEC-ABF2 Datasheet
1Mb / 2P
SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
SMC Diode Solutions Co....
MB05F SMCDIODE-MB05F Datasheet
344Kb / 5P
0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com