Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC126ABQ Datasheet (PDF) - NXP Semiconductors

74LVC126ABQ Datasheet PDF - NXP Semiconductors
Part # 74LVC126ABQ
Download  74LVC126ABQ Download
File Size   115.59 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state

74LVC126ABQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC126ABQ Datasheet PDF - NXP Semiconductors

Part # 74LVC126ABQ
Download  74LVC126ABQ Click to download

File Size   115.59 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state

74LVC126ABQ Datasheet (HTML) - NXP Semiconductors


74LVC126ABQ Product details

DESCRIPTION

The 74LVC126A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 V.

The 74LVC126A consists of four non-inverting buffers/line drivers with 3-state outputs (nY) which are controlled by the output enable input (nOE). A LOW at nOE causes the outputs to assume a high-impedance OFF-state.



FEATURES

• 5 V tolerant inputs/outputs for interfacing with 5 V logic

• Wide supply voltage range from 1.2 to 3.6 V

• CMOS low power consumption

• Direct interface with TTL levels

• Inputs accept voltages up to 5.5 V

• Complies with JEDEC standard no. 8-1A

• ESD protection:

   HBM EIA/JESD22-A114-A exceeds 2000 V

   MM EIA/JESD22-A115-A exceeds 200 V.

• Specified from −40 to +85 °C and −40 to +125 °C.



 




Similar Part No. - 74LVC126ABQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC126ABQ NEXPERIA-74LVC126ABQ Datasheet
249Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC126ABQ-Q100 NEXPERIA-74LVC126ABQ-Q100 Datasheet
236Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results


Similar Description - 74LVC126ABQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC827A PHILIPS-74LVC827A Datasheet
98Kb / 12P
10-bit buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Sep 04
74LVC125AD-T NXP-74LVC125AD-T Datasheet
124Kb / 16P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 7-11 April 2013
logo
Nexperia B.V. All right...
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com