Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ4946CEY Datasheet (PDF) - Vishay Siliconix

SQ4946CEY Datasheet PDF - Vishay Siliconix
Part # SQ4946CEY
Download  SQ4946CEY Download
File Size   214.42 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET

SQ4946CEY Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ4946CEY Datasheet PDF - Vishay Siliconix

Part # SQ4946CEY
Download  SQ4946CEY Click to download

File Size   214.42 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET

SQ4946CEY Datasheet (HTML) - Vishay Siliconix


SQ4946CEY Product details

FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
• AEC-Q101 qualified
• Material categorization: for
definitions of compliance please
see www.vishay.com/doc?99912




Similar Part No. - SQ4946CEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4946CEY VISHAY-SQ4946CEY Datasheet
214Kb / 8P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
26-Jan-2021
SQ4946CEY VISHAY-SQ4946CEY Datasheet
215Kb / 8P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
26-Jan-2021
SQ4946CEY VISHAY-SQ4946CEY_V01 Datasheet
215Kb / 8P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
26-Jan-2021
More results


Similar Description - SQ4946CEY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
24-Sep-12
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
28-Jan-13
SQ9945BEY VISHAY-SQ9945BEY_15 Datasheet
296Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
10-Aug-15
SQJ960EP VISHAY-SQJ960EP_15 Datasheet
228Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ968EP VISHAY-SQJ968EP_15 Datasheet
228Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJB00EP VISHAY-SQJB00EP_V02 Datasheet
278Kb / 10P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
24-Jan-2022
SQJ960EP VISHAY-SQJ960EP_V02 Datasheet
233Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
17-Aug-15
SQJ968EP VISHAY-SQJ968EP_V02 Datasheet
197Kb / 11P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
20-Jun-16
SQJ992EP VISHAY-SQJ992EP_V02 Datasheet
230Kb / 10P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
07-Mar-2022
SQ9945BEY VISHAY-SQ9945BEY_V02 Datasheet
212Kb / 9P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
10-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com