Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM85C30 Datasheet (PDF) - Advanced Micro Devices

AM85C30 Datasheet PDF - Advanced Micro Devices
Part # AM85C30
Download  AM85C30 Download
File Size   527.21 Kbytes
Page   68 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Enhanced Serial Communications Controller

AM85C30 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM85C30 Datasheet PDF - Advanced Micro Devices

Part # AM85C30
Download  AM85C30 Click to download

File Size   527.21 Kbytes
Page   68 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description Enhanced Serial Communications Controller

AM85C30 Datasheet (HTML) - Advanced Micro Devices


AM85C30 Product details

GENERAL DESCRIPTION
AMD’s Am85C30 is an enhanced pin-compatible version of the popular Am8530H Serial Communications Controller. The Enhanced Serial Communications Controller (ESCC) is a high-speed, low-power, multiprotocol communications peripheral designed for use with 8- and 16-bit microprocessors. It has two independent,full-duplex channels and functions as a serial-toparallel, parallel-to-serial converter/controller. AMD’s proprietary enhancements make the Am85C30 easier to interface and more effective in high-speed applications due to a reduction in software burden and the elimination of the need for some external glue logic.

DISTINCTIVE CHARACTERISTICS
■ Fastest data rate of any Am8530
   — 8.192 MHz / 2.048 Mb/s
   — 10 MHz / 2.5 Mb/s
   — 16.384 MHz / 4.096 Mb/s
■ Low-power CMOS technology
■ Pin and function compatible with other NMOS and CMOS 8530s
■ Easily interfaced with most CPUs
   — Compatible with non-multiplexed bus
■ Many enhancements over NMOS Am8530H
   — Allows Am85C30 to be used more effectively in high-speed applications
   — Improves interface capabilities
■ Two independent full-duplex serial channels
■ Asynchronous mode features
   — Programmable stop bits, clock factor, character length and parity
   — Break detection/generation
   — Error detection for framing, overrun, and parity
■ Synchronous mode features
   — Supports IBM® BISYNC, SDLC, SDLC Loop, HDLC, and ADCCP Protocols
   — Programmable CRC generators and checkers
   — SDLC/HDLC support includes frame control, zero insertion and deletion, abort, and residue handling
■ Enhanced SCC functions support high-speed frame reception using DMA
   — 14-bit byte counter
   — 10 × 19 SDLC/HDLC Frame Status FIFO
   — Independent Control on both channels
   — Enhanced operation does not allow special receive conditions to lock the 3-byte DATA FIFO when the 10 × 19 FIFO is enabled
■ Local Loopback and Auto Echo modes
■ Internal or external character synchronization
■ 2-Mb/s FM encoding transmit and receive capability using internal DPLL for 16.384-MHz product
■ Internal synchronization between RxC to PCLK and TxC to PCLK
   — This allows the user to eliminate external synchronization hardware required by the NMOS device when transmitting or receiving data at the maximum rate of 1/4 PCLK frequency




Similar Part No. - AM85C30

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
797Kb / 194P
Serial Communications Controller
More results


Similar Description - AM85C30

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
Zilog, Inc.
Z85230 ZILOG-Z85230 Datasheet
1Mb / 120P
ENHANCED SERIAL COMMUNICATIONS CONTROLLER
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020PSG ZILOG-Z8523020PSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
Enhanced Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com