Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431CY Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS431CY Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS431CY
Download  TS431CY Download
File Size   216.13 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Adjustable Precision Shunt Regulator

TS431CY Datasheet (PDF)

Go To PDF Page Download Datasheet
TS431CY Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS431CY
Download  TS431CY Click to download

File Size   216.13 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Adjustable Precision Shunt Regulator

TS431CY Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS431CY Product details

General Description

TS431 series integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage references operate as a low temperature coefficient zener which is programmable from VREF to 36 volts with two external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic impedance of 0.22Ω. The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5V reference makes it convenient to obtain a stable reference from 5.0V logic supplies, and since The TS431 series operates as a shunt regulator, it can be used as either a positive or negative stage reference.



Features

● Precision Reference Voltage

   TS431 – 2.495V ±2%

   TS431A – 2.495V ±1%

   TS431B – 2.495V ±0.5%

● Equivalent Full Range Temp. Coefficient: 50ppm/ ºC

● Programmable Output Voltage up to 36V

● Fast Turn-On Response

● Sink Current Capability of 1~100mA

● Low Dynamic Output Impedance: 0.2Ω

● Low Output Noise




Similar Part No. - TS431CY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431CS-RLG TSC-TS431CS-RLG Datasheet
4Mb / 13P
2.495V Programmable Shunt Voltage Reference
TS431CTA3 TSC-TS431CTA3 Datasheet
466Kb / 13P
Adjustable Precision Shunt Regulator
TS431CTA3G TSC-TS431CTA3G Datasheet
466Kb / 13P
Adjustable Precision Shunt Regulator
TS431CTB0 TSC-TS431CTB0 Datasheet
466Kb / 13P
Adjustable Precision Shunt Regulator
TS431CTB0G TSC-TS431CTB0G Datasheet
466Kb / 13P
Adjustable Precision Shunt Regulator
More results


Similar Description - TS431CY

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com