Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78M12 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

78M12 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 78M12
Download  78M12 Download
File Size   2124.7 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1 Ampere Surface Mount Negative Three Terminal Voltage Regulator

78M12 Datasheet (PDF)

Go To PDF Page Download Datasheet
78M12 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 78M12
Download  78M12 Click to download

File Size   2124.7 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1 Ampere Surface Mount Negative Three Terminal Voltage Regulator

78M12 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


78M12 Product details

Features
Input voltage:up to 35V
Output voltage: 12V
Output current up to 500 mA, internal thermal overload
protection and short-circuit current limiting.




Similar Part No. - 78M12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78M12 ETC1-78M12 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Guangdong Kexin Industr...
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
logo
Nanjing International G...
78M12 DGNJDZ-78M12 Datasheet
299Kb / 1P
T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
logo
GUANGDONG HOTTECH INDUS...
78M12 HOTTECH-78M12 Datasheet
730Kb / 1P
Plastic-Encapsulate Voltage Regulator
logo
Foshan Blue Rocket Elec...
78M12 FOSHAN-78M12 Datasheet
786Kb / 6P
Voltage Regulator in a TO-252 Plastic Package
More results


Similar Description - 78M12

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
Three-terminal Negative Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
Three-terminal negative voltage regulator
logo
Thinki Semiconductor Co...
79M05 THINKISEMI-79M05 Datasheet
345Kb / 3P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulators
logo
TECH PUBLIC Electronics...
TP78M05K3 TECHPUBLIC-TP78M05K3 Datasheet
1Mb / 4P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulator
TP78M09K3-1 TECHPUBLIC-TP78M09K3-1 Datasheet
2Mb / 4P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulator
TP78M12K3 TECHPUBLIC-TP78M12K3 Datasheet
2Mb / 4P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulator
78M05 TECHPUBLIC-78M05 Datasheet
2Mb / 4P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulator
78M09 TECHPUBLIC-78M09 Datasheet
2Mb / 1P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulator
L78M05CDT-TR TECHPUBLIC-L78M05CDT-TR Datasheet
2Mb / 4P
1 Ampere Surface Mount Negative Three Terminal Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com