Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV08C Datasheet (PDF) - TECH PUBLIC Electronics co LTD

BV08C Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # BV08C
Download  BV08C Download
File Size   2181.13 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Low Capacitance Bi-directional TVS Diode

BV08C Datasheet (PDF)

Go To PDF Page Download Datasheet
BV08C Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # BV08C
Download  BV08C Click to download

File Size   2181.13 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Low Capacitance Bi-directional TVS Diode

BV08C Datasheet (HTML) - TECH PUBLIC Electronics co LTD


BV08C Product details

Features
*350W peak pulse power (8/20us)
*Low operating :8V
*Ultra low capacitance: 1.0 pF typical
*Ultra low leakage: nA leel
*Low clamping voltage
*Protects one power line or data line
*Complies with following standards:
* - IEC 61000-4-2 (ESD) immunity test
Air discharge: +30kV
Contact discharge: ±30kV
* - IEC61000-4-4 (EFT) 40A (5/50ns)
* RoHS Compliant




Similar Part No. - BV08C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV08C BENCENT-BV08C Datasheet
305Kb / 4P
Ultra low capacitance - 1.5pF maximum
BV08C BENCENT-BV08C Datasheet
231Kb / 4P
Transient Voltage Suppressor
BV08C BENCENT-BV08C_16 Datasheet
231Kb / 4P
Transient Voltage Suppressor
More results


Similar Description - BV08C

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0511D3 APMICRO-AR0511D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0611D3H APMICRO-AR0611D3H Datasheet
623Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0811D3 APMICRO-AR0811D3 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR1211D3 APMICRO-AR1211D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR2411D3 APMICRO-AR2411D3 Datasheet
518Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AU0561P0 APMICRO-AU0561P0 Datasheet
585Kb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
logo
TECH PUBLIC Electronics...
ESD3V3B03-323 TECHPUBLIC-ESD3V3B03-323 Datasheet
2Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
TPGC03C-TPGC30C TECHPUBLIC-TPGC03C-TPGC30C Datasheet
3Mb / 6P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
WS05DLC-B LEIDITECH-WS05DLC-B Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
ULC0542CT LEIDITECH-ULC0542CT Datasheet
1Mb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com