Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDS302DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESDS302DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESDS302DBVR-TP
Download  ESDS302DBVR-TP Download
File Size   2205.75 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line ESD Protection Diode Array

ESDS302DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDS302DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESDS302DBVR-TP
Download  ESDS302DBVR-TP Click to download

File Size   2205.75 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2-Line ESD Protection Diode Array

ESDS302DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESDS302DBVR-TP Product details

Features
• Ultra low leakage: nA level
• Ultra low operating voltage: 3.6V
• Ultra low clamping voltage
• Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ± 30kV
Contact discharge: ± 30kV
- IEC61000-4-4 (EFT) 80A (5/50ns)
- IEC61000-4-5 (Lightning) 10A (8/20us)
• RoHS Compliant
• ESD302DBVR Pin to Pin fully compatible




Similar Part No. - ESDS302DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESDS302DBVR TI1-ESDS302DBVR Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Devices for High Speed Interfaces
ESDS302DBVR TI2-ESDS302DBVR Datasheet
975Kb / 19P
ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
REVISED JANUARY 2024
ESDS302DBVR.B TI2-ESDS302DBVR.B Datasheet
975Kb / 19P
ESDS30x Data-Line Surge and ESD Protection Devices for High Speed Interfaces
REVISED JANUARY 2024
More results


Similar Description - ESDS302DBVR-TP

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0512 SYNC-POWER-SPE0512 Datasheet
219Kb / 7P
2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522 Datasheet
221Kb / 7P
2-Line ESD Protection Array
SPE1212 SYNC-POWER-SPE1212 Datasheet
225Kb / 7P
2-Line ESD Protection Array
SPE0532 SYNC-POWER-SPE0532 Datasheet
241Kb / 7P
2-Line ESD Protection Array
SPE0512 SYNC-POWER-SPE0512_11 Datasheet
191Kb / 7P
2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522_11 Datasheet
205Kb / 7P
2-Line ESD Protection Array
SPE0532 SYNC-POWER-SPE0532_10 Datasheet
231Kb / 7P
2-Line ESD Protection Array
SPE1212_0911 SYNC-POWER-SPE1212_0911 Datasheet
194Kb / 7P
2-Line ESD Protection Array
logo
Union Semiconductor, In...
UM5075 UNIONSEMI-UM5075 Datasheet
232Kb / 8P
Single Line ESD Protection Diode Array
logo
SYNC POWER Crop.
SPE0332 SYNC-POWER-SPE0332 Datasheet
352Kb / 7P
2-Line ESD Protection Array
2019/06/05 Ver 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com