Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC6331L-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FDC6331L-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FDC6331L-TP
Download  FDC6331L-TP Download
File Size   3595.79 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Load Switch with Level-Shift

FDC6331L-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC6331L-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FDC6331L-TP
Download  FDC6331L-TP Click to download

File Size   3595.79 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Load Switch with Level-Shift

FDC6331L-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FDC6331L-TP Product details

Product Summary
* -2.8A,-8V
* RDS(ON)=45m2 @ VGS=4.5V(Typ)
* RDS(ON)=50m2 @ VGS=2.5V(Typ)
* RDS(ON)-80m 2 @ VGS=1.8V(Typ)
* FDC6331L Pin to Pin fully compatible




Similar Part No. - FDC6331L-TP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
91Kb / 4P
Integrated Load Switch
logo
ON Semiconductor
FDC6331L ONSEMI-FDC6331L Datasheet
181Kb / 4P
Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L_07 Datasheet
91Kb / 4P
Integrated Load Switch
More results


Similar Description - FDC6331L-TP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
Load Switch with Level-Shift
04-Mar-02
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
Load Switch with Level-Shift
08-Nov-10
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
Load Switch with Level-Shift
12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
Load Switch with Level-Shift
05-Apr-10
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
Load Switch with Level-Shift
08-Sep-14
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
Load Switch with Level-Shift
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com