Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE3401AY-P Datasheet (PDF) - TECH PUBLIC Electronics co LTD

NCE3401AY-P Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # NCE3401AY-P
Download  NCE3401AY-P Download
File Size   3786.15 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement Mode Power MOSFET

NCE3401AY-P Datasheet (PDF)

Go To PDF Page Download Datasheet
NCE3401AY-P Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # NCE3401AY-P
Download  NCE3401AY-P Click to download

File Size   3786.15 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description P-Channel Enhancement Mode Power MOSFET

NCE3401AY-P Datasheet (HTML) - TECH PUBLIC Electronics co LTD


NCE3401AY-P Product details

General Features
VDs = -30V,ID = -4.2A
RDS(ON) < 90m2 @ VGs=-2.5V
RDS(ON) < 75m2 @ VGs=-4.5V
RDS(ON) < 55m2 @ Vos=-10V




Similar Part No. - NCE3401AY-P

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3401AY NCEPOWER-NCE3401AY Datasheet
265Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE3401AY VBSEMI-NCE3401AY Datasheet
495Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - NCE3401AY-P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com