Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT4067 Datasheet (PDF) - NXP Semiconductors

HCT4067 Datasheet PDF - NXP Semiconductors
Part # HCT4067
Download  HCT4067 Download
File Size   129.46 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-channel analog multiplexer/demultiplexer

HCT4067 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT4067 Datasheet PDF - NXP Semiconductors

Part # HCT4067
Download  HCT4067 Click to download

File Size   129.46 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-channel analog multiplexer/demultiplexer

HCT4067 Datasheet (HTML) - NXP Semiconductors


HCT4067 Product details

GENERAL DESCRIPTION
The 74HC/HCT4067 are high-speed Si-gate CMOS devices and are pin compatible with the “4067” of the “4000B” series. They are specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT4067 are 16-channel analog multiplexers/demultiplexers with four address inputs (S0 to S3) , an active LOW enable input (E), sixteen independent inputs/outputs (Y0to Y15) and a common input/output (Z). The ”4067” contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (Y0to Y15) and the other side connected to a
common input/output (Z).

FEATURES
• Low “ON” resistance:
  80Ω(typ.) at VCC= 4.5 V
  70Ω(typ.) at VCC= 6.0 V
  60Ω(typ.) at VCC= 9.0 V
  typical “break before make” built-in
• Output capability: non-standard
• ICC category: MSI

APPLICATIONS
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - HCT4067

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCT4066QPWRG4Q1 TI1-HCT4066QPWRG4Q1 Datasheet
312Kb / 13P
HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
HCT4066QPWRG4Q1 TI2-HCT4066QPWRG4Q1 Datasheet
1Mb / 22P
CD74HCT4066-Q1 Automotive High-speed CMOS Logic Quad Bilateral Switch
REVISED JULY 2024
More results


Similar Description - HCT4067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
16-channel analog multiplexer/demultiplexer
74HC4067 NEXPERIA-74HC4067 Datasheet
369Kb / 26P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com