Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4316 Datasheet (PDF) - NXP Semiconductors

74HC4316 Datasheet PDF - NXP Semiconductors
Part # 74HC4316
Download  74HC4316 Download
File Size   130.67 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad bilateral switches

74HC4316 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4316 Datasheet PDF - NXP Semiconductors

Part # 74HC4316
Download  74HC4316 Click to download

File Size   130.67 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad bilateral switches

74HC4316 Datasheet (HTML) - NXP Semiconductors


74HC4316 Product details

GENERAL DESCRIPTION
The 74HC/HCT4316 are high-speed Si-gate CMOS devices. They are specified in compliance with JEDEC standard no. 7A.

FEATURES
• Low “ON” resistance: 160Ω(typ.) at VCC−VEE= 4.5 V 120Ω(typ.) at VCC−VEE= 6.0 V 80Ω(typ.) at VCC−VEE= 9.0 V
• Logic level translation: to enable 5 V logic to communicate with±5 V analog signals
• Typical “break before make” built in
• Output capability: non-standard
• ICCcategory: MSI




Similar Part No. - 74HC4316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4316 NXP-74HC4316 Datasheet
117Kb / 15P
Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HC4316D NEXPERIA-74HC4316D Datasheet
327Kb / 23P
Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HC4316D NEXPERIA-74HC4316D Datasheet
444Kb / 29P
Quad single-pole single-throw analog switch
Rev. 3 2 January 2017
74HC4316DB NEXPERIA-74HC4316DB Datasheet
444Kb / 29P
Quad single-pole single-throw analog switch
Rev. 3 2 January 2017
More results


Similar Description - 74HC4316

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
Quad bilateral switches
1998 Nov 10
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
Quad bilateral switches
1998 Jun 23
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
Quad bilateral switches
1998 Jun 23
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
Quad bilateral switches
2003 Aug 12
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
Quad bilateral switches
September 1993
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
Quad bilateral switches
December 1990
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
Quad bilateral switches
Rev. 03-4 July 2005
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
QUAD BILATERAL SWITCHES
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
Quad bilateral switches
Rev. 5 - 24 October 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com