Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC000612 Datasheet (PDF) - Amphenol Sine Systems Corp.

SC000612 Datasheet PDF - Amphenol Sine Systems Corp.
Part # SC000612
Download  SC000612 Download
File Size   195.23 Kbytes
Page   1 Pages
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.
Description 2.4MM, FEMALE SURESOCKET™ MACHINED CONTACT, 10-12AWG

SC000612 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC000612 Datasheet PDF - Amphenol Sine Systems Corp.

Part # SC000612
Download  SC000612 Click to download

File Size   195.23 Kbytes
Page   1 Pages
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.
Description 2.4MM, FEMALE SURESOCKET™ MACHINED CONTACT, 10-12AWG

SC000612 Datasheet (HTML) - Amphenol Sine Systems Corp.




Similar Part No. - SC000612

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
SC000612 ASS-SC000612 Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
SC000612 ASS-SC000612 Datasheet
276Kb / 1P
KIT, 2 POSN, F/M PLUG, SCKT PRM SERIES™MACH CONT, MATES WITH PRM2400-G2-PNL
Rev. A1
More results


Similar Description - SC000612

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9453 PASTERNACK-PE9453 Datasheet
238Kb / 3P
Precision 2.4mm Female to 2.4mm Female Adapter
logo
Emerson Network Power
105-0854-001 EMERSON-NETWORKPOWER-105-0854-001 Datasheet
363Kb / 1P
Insulated: Machined Contact
logo
Adam Technologies, Inc.
SMC-1R-XX-1-GT-HT ADAM-TECH-SMC-1R-XX-1-GT-HT Datasheet
98Kb / 1P
MACHINED FEMALE HEADER
2SMC-2R-XX-1-GT ADAM-TECH-2SMC-2R-XX-1-GT Datasheet
105Kb / 1P
MACHINED FEMALE HEADER
2SMC-2-XX-1-GT ADAM-TECH-2SMC-2-XX-1-GT Datasheet
91Kb / 1P
MACHINED FEMALE HEADER
logo
Amphenol Sine Systems C...
SC000532-10-R4 ASS-SC000532-10-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 10-12AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-14-R4 ASS-SC000532-14-R4 Datasheet
198Kb / 1P
4MM FEMALE SOCKET, 14-16AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000532-6-R4 ASS-SC000532-6-R4 Datasheet
199Kb / 1P
4MM FEMALE SOCKET, 6-8AWG MACHINED RADSOCK® R8S CONTACT
Rev. A1
SC000692 ASS-SC000692 Datasheet
191Kb / 1P
2.4MM, FEMALE SURESOCKET™ MACHINED CONTACT, 14-16AWG
Rev. A1
SC000706 ASS-SC000706 Datasheet
194Kb / 1P
2.4MM, FEMALE SURESOCKET™ MACHINED SOCKET, 18-20AWG
Rev. A1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com