Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

944L Datasheet (PDF) - Cornell Dubilier Electronics

944L Datasheet PDF - Cornell Dubilier Electronics
Part # 944L
Download  944L Download
File Size   505.3 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description Type 944L Low Inductance DC Link Capacitors

944L Datasheet (PDF)

Go To PDF Page Download Datasheet
944L Datasheet PDF - Cornell Dubilier Electronics

Part # 944L
Download  944L Click to download

File Size   505.3 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description Type 944L Low Inductance DC Link Capacitors

944L Datasheet (HTML) - Cornell Dubilier Electronics


944L Product details

Type 944L DC Link capacitors are specifically designed for fast switching power conversion applications. Their low inductance construction and low-loss winding technology make them ideal for the next generation of high power-dense inverter and converter designs. Their rugged plastic case with integrated mounting flanges, threaded stud or insert termination options, allow for easy, secure mounting. This series is ideal for DC Fast EV Charging and for high power solar inverters and motor drives.

Highlights
• Designed for higher switching frequencies
• Up to 60% lower ESL (Equivalent Series Inductance)
• High ripple current
• M8 threaded stud and M5 insert termination options
• Integrated mounting flanges




Similar Part No. - 944L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
INDUSTRIAL
logo
Keystone Electronics Co...
9440 KEYSTONE-9440 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Alpha Wire
9440 ALPHAWIRE-9440 Datasheet
404Kb / 3P
40 (7/48) AWG Tinned Copper Alloy
logo
Broadcom Corporation.
9440-8I BOARDCOM-9440-8I Datasheet
594Kb / 3P
MegaRAID 9400 Series Tri-Mode Storage Adapters
logo
Keystone Electronics Co...
9441 KEYSTONE-9441 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results


Similar Description - 944L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
947C361K801CAMS CDE-947C361K801CAMS Datasheet
380Kb / 4P
Type 947C High Capacitance, High Current, DC Link Capacitors
logo
AVX Corporation
0508YC224KAT2W AVX-0508YC224KAT2W Datasheet
321Kb / 4P
Low Inductance Capacitors
logo
List of Unclassifed Man...
BLC300J901B4E ETC1-BLC300J901B4E Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
logo
AVX Corporation
LG126Z473MAT2S1 AVX-LG126Z473MAT2S1 Datasheet
370Kb / 4P
Low Inductance Capacitors
logo
Vincotech
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA027MR-M340F68Y VINCOTECH-10-PZ12NMA027MR-M340F68Y Datasheet
668Kb / 6P
Ultra Low Inductance with Integrated DC-capacitors
10-PZ123BA080ME-M909L18Y VINCOTECH-10-PZ123BA080ME-M909L18Y Datasheet
579Kb / 16P
Ultra Low Inductance with integrated DC-capacitors
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
Ultra Low Inductance with integrated DC-capacitors
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
Polypropylene, DC Link Capacitors
logo
Kemet Corporation
C4DE KEMET-C4DE Datasheet
263Kb / 1P
LOW INDUCTANCE CAPACITORS DC-LINK APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com