Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMC21 Datasheet (PDF) - Endress+Hauser Group Services AG

PMC21 Datasheet PDF - Endress+Hauser Group Services AG
Part # PMC21
Download  PMC21 Download
File Size   1139.49 Kbytes
Page   48 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Pressure transducer with ceramic and metal sensors

PMC21 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMC21 Datasheet PDF - Endress+Hauser Group Services AG

Part # PMC21
Download  PMC21 Click to download

File Size   1139.49 Kbytes
Page   48 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Pressure transducer with ceramic and metal sensors

PMC21 Datasheet (HTML) - Endress+Hauser Group Services AG


PMC21 Product details

Application
The Cerabar is a pressure transducer for the measurement of absolute and gauge
pressure in gases, vapors, liquids and dust. The Cerabar can be used internationally
thanks to a wide range of approvals and process connections.

Your benefits
• High reproducibility and long-term stability
• Reference accuracy: up to 0.3%
• Customized measuring ranges
• Turn down up to 5:1
• Sensor for measuring ranges up to 400 bar (6 000 psi)
• Housing and process isolating diaphragm made of 316L




Similar Part No. - PMC21

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PMC20 ALPHAWIRE-PMC20 Datasheet
379Kb / 2P
ROHS CERTIFICATE OF COMPLIANCE
PMC20 ALPHAWIRE-PMC20_V01 Datasheet
379Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
12-bit ADC Enhanced
PMC232-D14 PADAUK-PMC232-D14 Datasheet
1Mb / 94P
12-bit ADC Enhanced
PMC232-D18 PADAUK-PMC232-D18 Datasheet
1Mb / 94P
12-bit ADC Enhanced
More results


Similar Description - PMC21

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58610A0000A001 EPCOS-B58610A0000A001 Datasheet
219Kb / 8P
Pressure sensors Barometric pressure transducer for SMT
logo
Honeywell Solid State E...
MLH004BGB01B HONEYWELL-MLH004BGB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH300PSB01B HONEYWELL-MLH300PSB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH05KPSB01A HONEYWELL-MLH05KPSB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH016BSB01B HONEYWELL-MLH016BSB01B Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Honeywell Accelerometer...
MLH03KPSB01A HONEYWELL-ACC-MLH03KPSB01A Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH05KPSB06B HONEYWELL-ACC-MLH05KPSB06B Datasheet
192Kb / 4P
All Metal Pressure Sensors
MLH100BSL03B HONEYWELL-ACC-MLH100BSL03B Datasheet
192Kb / 4P
All Metal Pressure Sensors
logo
Cynergy3 Co
IPS CYNERGY3-IPS Datasheet
66Kb / 2P
Industrial Pressure Transducer - Ceramic
IPSU CYNERGY3-IPSU Datasheet
73Kb / 2P
Industrial Pressure Transducer - Ceramic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com