Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G9KA Datasheet (PDF) - Omron Electronics LLC

G9KA Datasheet PDF - Omron Electronics LLC
Part # G9KA
Download  G9KA Download
File Size   1530.58 Kbytes
Page   7 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance

G9KA Datasheet (PDF)

Go To PDF Page Download Datasheet
G9KA Datasheet PDF - Omron Electronics LLC

Part # G9KA
Download  G9KA Click to download

File Size   1530.58 Kbytes
Page   7 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance

G9KA Datasheet (HTML) - Omron Electronics LLC


G9KA Product details

• Ambient temperature 85°C
• High impulse withstand voltage, 10 kV
• Contact gap ≥4.0 mm (Applied to VDE0126)
• Low initial contact resistance ≤0.2 mΩ
(when 200 A of current is applied)
• Rises in board temperatures are suppressed
by a low heat generation and high dissipation structure.




Similar Part No. - G9KA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1A OMRON-G9KA-1A Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1ADC12 OMRON-G9KA-1ADC12 Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KA-1ADC24 OMRON-G9KA-1ADC24 Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
More results


Similar Description - G9KA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMK250 SCHURTER-UMK250 Datasheet
303Kb / 3P
High breaking capacity of up to 200 A @ 250 VAC
logo
Schneider Electric
8501CO15V04 SCHNEIDER-8501CO15V04 Datasheet
133Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 1 normally open and 1 normally closed contact, 277 VAC coil
Aug 20, 2021
8501CO15V14 SCHNEIDER-8501CO15V14 Datasheet
133Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 1 normally open and 1 normally closed contact, 24 VAC coil
Aug 20, 2021
8501CO15V24 SCHNEIDER-8501CO15V24 Datasheet
133Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 1 normally open and 1 normally closed contact, 240 VAC coil
Aug 20, 2021
8501CO15V29 SCHNEIDER-8501CO15V29 Datasheet
132Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 1 normally open and 1 normally closed contact, 480 VAC coil
Aug 20, 2021
8501CO16V04 SCHNEIDER-8501CO16V04 Datasheet
165Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 2 normally open and 2 normally closed contact, 277 VAC coil
Aug 20, 2021
8501CO16V08 SCHNEIDER-8501CO16V08 Datasheet
140Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 2 normally open and 2 normally closed contact, 208 VAC coil
Aug 20, 2021
8501CO16V24 SCHNEIDER-8501CO16V24 Datasheet
177Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 2 normally open and 2 normally closed contact, 240 VAC coil
Aug 20, 2021
8501CO16V29 SCHNEIDER-8501CO16V29 Datasheet
131Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 2 normally open and 2 normally closed contact, 480 VAC coil
Aug 20, 2021
8501CDPDT SCHNEIDER-8501CDPDT Datasheet
163Kb / 2P
Power Relay, Type C, 1.5 HP, 30A resistive at 300 VAC, DPDT, 2 normally open and 2 normally closed contact, 120 VAC coil
Aug 23, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com