Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RKK-0505S/H Datasheet (PDF) - Recom International Power

RKK-0505S/H Datasheet PDF - Recom International Power
Part # RKK-0505S/H
Download  RKK-0505S/H Download
File Size   618.09 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 1 Watt SIP7 Single Output

RKK-0505S/H Datasheet (PDF)

Go To PDF Page Download Datasheet
RKK-0505S/H Datasheet PDF - Recom International Power

Part # RKK-0505S/H
Download  RKK-0505S/H Click to download

File Size   618.09 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 1 Watt SIP7 Single Output

RKK-0505S/H Datasheet (HTML) - Recom International Power


RKK-0505S/H Product details

Description
The RKK DC/DC converters are typically used in cost sensitive general purpose power isolation and
voltage matching applications. Despite their low cost, they are fully specified converters with 4kVdc
isolation, industrial operating temperature range of -40°C to +105°C without derating and UL/EN
certifications.

Features
• Low cost
• 1:1 Input voltage range
• Efficiency up to 82%
• 4kVDC/1 second isolation
• IEC/EN/UL 62368-1 certified
• -40°C to +105°C




Similar Part No. - RKK-0505S/H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RKK-4-112 MINI-RKK-4-112 Datasheet
429Kb / 3P
Frequency Multiplier
RKK-4-112+ MINI-RKK-4-112+ Datasheet
429Kb / 3P
Frequency Multiplier
RKK-4-23 MINI-RKK-4-23 Datasheet
406Kb / 2P
Frequency Multiplier
RKK-4-23+ MINI-RKK-4-23+ Datasheet
406Kb / 2P
Frequency Multiplier
RKK-4-252 MINI-RKK-4-252 Datasheet
417Kb / 3P
Frequency Multiplier
More results


Similar Description - RKK-0505S/H

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com