Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

768201103GP Datasheet (PDF) - CTS Corporation

768201103GP Datasheet PDF - CTS Corporation
Part # 768201103GP
Download  768201103GP Download
File Size   389.79 Kbytes
Page   7 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Surface Mount Resistor Network

768201103GP Datasheet (PDF)

Go To PDF Page Download Datasheet
768201103GP Datasheet PDF - CTS Corporation

Part # 768201103GP
Download  768201103GP Click to download

File Size   389.79 Kbytes
Page   7 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Surface Mount Resistor Network

768201103GP Datasheet (HTML) - CTS Corporation


768201103GP Product details

Features
- Surface Mount Gull Wing Package
- Solid Ceramic Construction
- Low Profile, Board to Network Clearance –
0.191mm ±0.064mm
- No Internal Dendrite Growth
- Meets EIA PDP 100 SOGN-0002 Outline
- Requires 30% Less Board Space Than Molded
Products of the Same Power Rating
- Tape and Reel Packaging or Slide Pack

Applications
- Telecom Infrastructure
- Optical Networking
- Wireless Networks
- Edge Routers
- Internet/Network Security
- Storage Area Networks
- Network Attached Storage
- Switches
- RAID Controllers

Description
768 Series Resistor Networks are single packaged devices containing an array of homogeneous resistor elements.
CTS network designs provide a smaller circuit footprint, excellent reliability, improved TCR tracking and resistor tolerance matching; while helping to save placement costs by reducing application component count.




Similar Part No. - 768201103GP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
76820123 TOSHIBA-76820123 Datasheet
4Mb / 70P
Color Television
2005
76820153 TOSHIBA-76820153 Datasheet
4Mb / 70P
Color Television
2005
logo
CTS Corporation
768201DPTR13 CTS-768201DPTR13 Datasheet
95Kb / 4P
Surface Mount Gull Wing Design
768201FPTR13 CTS-768201FPTR13 Datasheet
95Kb / 4P
Surface Mount Gull Wing Design
768201GPTR13 CTS-768201GPTR13 Datasheet
95Kb / 4P
Surface Mount Gull Wing Design
More results


Similar Description - 768201103GP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
TaNFilm Small Outline Surface Mount Resistor Network
logo
Dubilier
RN164102J DUBILIER-RN164102J Datasheet
114Kb / 1P
SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
Surface Mount Resistor Network
766161332GPTR7 CTS-766161332GPTR7 Datasheet
99Kb / 4P
Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
Surface Mount Resistor Network
logo
Dubilier
RN164102J DUBILIER-RN164102J_11 Datasheet
184Kb / 1P
SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
CTS Corporation
767161103G CTS-767161103G Datasheet
93Kb / 4P
Series 767 Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
Surface Mount Resistor Network
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com