Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1232A Datasheet (PDF) - Exar Corporation

MP1232A Datasheet PDF - Exar Corporation
Part # MP1232A
Download  MP1232A Download
File Size   114.17 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter

MP1232A Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1232A Datasheet PDF - Exar Corporation

Part # MP1232A
Download  MP1232A Click to download

File Size   114.17 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter

MP1232A Datasheet (HTML) - Exar Corporation


MP1232A Product details

GENERAL DESCRIPTION

The MP1230A series are superior pin for pin replacements for the 1230 series. The MP1230A series is manufactured using advanced thin film resistors on a double metal CMOS process which promotes significant improvements in reliability, latch-up free performance and ESD protection.



FEATURES

• Superior Ruggedized 1230 Series: 2 KV ESD

• Four Quadrant Multiplication

• Stable, More Accurate Segmented DAC Approach

– 0.2 ppm/°C Linearity Tempco

– 2 ppm/°C Max Gain Error Tempco

– Lowest Sensitivity to Amplifier Offset

– Lowest Output Capacitance (COUT= 80pF)

– Lower Glitch Energy

• Monotonic over Temperature Range

• VDDfrom +11 V to +16 V

• Latch-Up Free CMOS Technology

• 12-Bit Bus Version: MP1208/1209/1210

• 16-Bit Upgrade: MP7636A




Similar Part No. - MP1232A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP12327A MULTICOMP-MP12327A Datasheet
1Mb / 3P
Professional Jack Sockets 6.35mm
16/09/21 V1.0
More results


Similar Description - MP1232A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com