Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UWP Datasheet (PDF) - Riedon Powertron

UWP Datasheet PDF - Riedon Powertron
Part # UWP
Download  UWP Download
File Size   241.26 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description High Power Ceramic Wirewound Resistors

UWP Datasheet (PDF)

Go To PDF Page Download Datasheet
UWP Datasheet PDF - Riedon Powertron

Part # UWP
Download  UWP Click to download

File Size   241.26 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description High Power Ceramic Wirewound Resistors

UWP Datasheet (HTML) - Riedon Powertron


UWP Product details

• Resistances from 0.5Ω to 1KΩ
• Tolerance 1% or 5%
• Power Ratings of 20, 30, 40, 60 or 100 Watts
• All-Welded Construction
• Non-Inductive Windings are Available
• Flameproof Inorganic Construction




Similar Part No. - UWP

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWP NICHICON-UWP Datasheet
621Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UWP0J100MCL NICHICON-UWP0J100MCL Datasheet
40Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UWP0J220MCL NICHICON-UWP0J220MCL Datasheet
40Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UWP0J220MCL1GB NICHICON-UWP0J220MCL1GB Datasheet
621Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UWP0J330MCL NICHICON-UWP0J330MCL Datasheet
40Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - UWP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
POWER WIREWOUND RESISTORS
logo
Willow Technologies Ltd
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
Ceramic Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
Tubular Power Wirewound Resistors
UV-2 RIEDON-UV-2 Datasheet
290Kb / 2P
Ceramic Wirewound Resistors
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
Ceramic Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
TT Electronics.
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
Ceramic Case Resistors-Wirewound
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
Vitreous Wirewound Power Resistors
08-Aug-16
logo
List of Unclassifed Man...
KV206-3 ETC2-KV206-3 Datasheet
454Kb / 4P
Power Wirewound Resistors Ceramic case , Vertical
201601
logo
VITROHM
KVS-SERIES VITROHM-KVS-SERIES Datasheet
177Kb / 2P
Power Wirewound Ceramic Resistors, vertical
Revision 200807
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com