Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARS-2610 Datasheet (PDF) - Advantech Co., Ltd.

ARS-2610 Datasheet PDF - Advantech Co., Ltd.
Part # ARS-2610
Download  ARS-2610 Download
File Size   623.46 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description EN50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC

ARS-2610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARS-2610 Datasheet PDF - Advantech Co., Ltd.

Part # ARS-2610
Download  ARS-2610 Click to download

File Size   623.46 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description EN50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC

ARS-2610 Datasheet (HTML) - Advantech Co., Ltd.


ARS-2610 Product details

Features
Intel 6th Generation i7-6600U/17-7600U processor
SO-DIMM DDR4 1600MHz/1866Mhz, Up to 16GB
Dual independent displays: DVI-D and DVHD ports
2x GbE LAN, 2x USB and 2 x COM ports
▪ 2 x MiniPCle and 1 x mSATA for expansion
Supports GPS, Wi-Fi, 2 x LTE(Optional)
Supports 2 x 2.5" SSD expansions and RAID 0/1 (Optional)
EN 50155 Power input range: 24V/48V/72V/110V (+40%)
▪ EN 50155 TX temperature level: -40°C~70° C (85° C for 10 Minutes)
IP50+ and conformal coating protections
EN 50155, IEC 60571 certified
EN 45545, JIS E 5006 compliant




Similar Part No. - ARS-2610

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARS-2620 ADVANTECH-ARS-2620 Datasheet
648Kb / 2P
EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
ARS-2620-10A1E ADVANTECH-ARS-2620-10A1E Datasheet
648Kb / 2P
EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
ARS-2620-20A1E ADVANTECH-ARS-2620-20A1E Datasheet
648Kb / 2P
EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
ARS-2620-30A1E ADVANTECH-ARS-2620-30A1E Datasheet
648Kb / 2P
EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
ARS-2620-40A1E ADVANTECH-ARS-2620-40A1E Datasheet
648Kb / 2P
EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
More results


Similar Description - ARS-2610

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARS-2110TX ADVANTECH-ARS-2110TX_15 Datasheet
730Kb / 2P
EN50155 Intel Atom E3845 Fanless Box PC
ARK-2250L ADVANTECH-ARK-2250L Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
ARK-2250LA2 ADVANTECH-ARK-2250LA2 Datasheet
903Kb / 4P
Intel 6th/7th Generation Core??i3/i5/i7 Modular Fanless Box PC
12-Jul-2021
ARK-2250L ADVANTECH-ARK-2250L_V01 Datasheet
1Mb / 4P
Intel 6th Generation Core??i3/i5/i7 Modular Fanless Box PC
21-Mar-2019
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3530L ADVANTECH-ARK-3530L Datasheet
928Kb / 3P
Intel®Xeon® E3 / Core™ i3/i5/i7 LGA1151 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
ARS-2620 ADVANTECH-ARS-2620 Datasheet
648Kb / 2P
EN 50155 Intel® i7-6600U/i7-7600U Fanless Railway Box PC
15-Sep-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com