Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA733 Datasheet (PDF) - Renesas Technology Corp

2SA733 Datasheet PDF - Renesas Technology Corp
Part # 2SA733
Download  2SA733 Download
File Size   410.6 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PNP SILICON TRANSISTOR

2SA733 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA733 Datasheet PDF - Renesas Technology Corp

Part # 2SA733
Download  2SA733 Click to download

File Size   410.6 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PNP SILICON TRANSISTOR

2SA733 Datasheet (HTML) - Renesas Technology Corp


2SA733 Product details

DESCRIPTION
The 2SA733 is designed for use in diver stage of AF amplifier.
FEATURES
• High hFE and Excellent Linearity: 200 TYP.
hFE (VCE = −6.0 V, IC = −1.0 mA)
ABSOLUTE MAXIMUM RATINGS
Maximum Temperature
Storage Temperature −55 to +150°C
Junction Temperature +150°C Maximum
Maximum Power Dissipations (TA = 25°C)
Total Power Dissipation 250 mW
Maximum Voltages and Currents (TA = 25°C)
VCBO Collector to Base Voltage −60 V
VCEO Collector to Emitter Voltage −50 V
VEBO Emitter to Base Voltage −5.0 V
IC Collector Current −100 mA
IB Base Current −20 mA
Note Pulse Test PW ≤ 350 μs, Duty Cycle ≤ 2%




Similar Part No. - 2SA733

ManufacturerPart #DatasheetDescription
logo
NEC
2SA733 NEC-2SA733 Datasheet
69Kb / 1P
PNP SILICON TRANSISTOR
logo
Dc Components
2SA733 DCCOM-2SA733 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
logo
Daya Electric Group Co....
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
More results


Similar Description - 2SA733

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com