Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA812 Datasheet (PDF) - Renesas Technology Corp

2SA812 Datasheet PDF - Renesas Technology Corp
Part # 2SA812
Download  2SA812 Download
File Size   333.78 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR

2SA812 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA812 Datasheet PDF - Renesas Technology Corp

Part # 2SA812
Download  2SA812 Click to download

File Size   333.78 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR

2SA812 Datasheet (HTML) - Renesas Technology Corp


2SA812 Product details

PNP SILICON EPITAXIAL TRANSISTOR
MINI MOLD

FEATURES
• Complementary to 2SC1623
• High DC Current Gain: hFE = 200 TYP. (VCE = −6.0 V, IC = −1.0 mA)
• High Voltage: VCEO = −50 V
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage VCBO −60 V
Collector to Emitter Voltage VCEO −50 V
Emitter to Base Voltage VEBO −5.0 V
Collector Current (DC) IC −100 mA
Total Power Dissipation PT 200 mW
Junction Temperature Tj 150 °C
Storage Temperature Range Tstg −55 to +150 °C




Similar Part No. - 2SA812

ManufacturerPart #DatasheetDescription
logo
NEC
2SA812 NEC-2SA812 Datasheet
241Kb / 4P
AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
TRANSYS Electronics Lim...
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SA812 BILIN-2SA812 Datasheet
253Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SA812 KEXIN-2SA812 Datasheet
123Kb / 2P
PNP Silicon Epitaxial Transistor
logo
Dc Components
2SA812 DCCOM-2SA812 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SA812

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
SILICON TRANSISTOR
MPS3569 MICRO-ELECTRONICS-MPS3569 Datasheet
54Kb / 2P
SILICON TRANSISTOR
logo
NEC
FA1A3Q NEC-FA1A3Q Datasheet
161Kb / 4P
SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Renesas Technology Corp
FA1A4Z RENESAS-FA1A4Z Datasheet
282Kb / 6P
SILICON TRANSISTOR
1987
FA4A4M RENESAS-FA4A4M Datasheet
521Kb / 24P
SILICON TRANSISTOR
2002
FN1F4M RENESAS-FN1F4M Datasheet
304Kb / 6P
SILICON TRANSISTOR
1985
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com