Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT595 Datasheet (PDF) - NXP Semiconductors

74HCT595 Datasheet PDF - NXP Semiconductors
Part # 74HCT595
Download  74HCT595 Download
File Size   140.7 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit serial-in/serial or parallel-out shift register with output latches; 3-state

74HCT595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT595 Datasheet PDF - NXP Semiconductors

Part # 74HCT595
Download  74HCT595 Click to download

File Size   140.7 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit serial-in/serial or parallel-out shift register with output latches; 3-state

74HCT595 Datasheet (HTML) - NXP Semiconductors


74HCT595 Product details

DESCRIPTION
The 74HC/HCT595 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT595 is an 8-stage serial shift register with a storage register and 3-state outputs. The shift register and storage register have separate clocks.

FEATURES
• 8-bit serial input
• 8-bit serial or parallel output
• Storage register with 3-state outputs
• Shift register with direct clear
• 100 MHz (typical) shift out frequency
• ESD protection:
   HBM EIA/JESD22-A114-A exceeds 2000 V
   MM EIA/JESD22-A115-A exceeds 200 V.

APPLICATIONS
• Serial-to-parallel data conversion
• Remote control holding register.




Similar Part No. - 74HCT595

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
NXP Semiconductors
74HCT595 NXP-74HCT595 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HCT595 NXP-74HCT595 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595 NEXPERIA-74HCT595 Datasheet
327Kb / 21P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results


Similar Description - 74HCT595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com