Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBL Datasheet (PDF) - TRACO Electronic AG

TBL Datasheet PDF - TRACO Electronic AG
Part # TBL
Download  TBL Download
File Size   303.02 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TBL Series, 15 to 150 Watt

TBL Datasheet (PDF)

Go To PDF Page Download Datasheet
TBL Datasheet PDF - TRACO Electronic AG

Part # TBL
Download  TBL Click to download

File Size   303.02 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TBL Series, 15 to 150 Watt

TBL Datasheet (HTML) - TRACO Electronic AG


TBL Product details

Features
◆ Low profile case, module depth only 55mm
◆ Fits into flat control panels used in
building automation
◆ Safety class ll product
◆ UL 1310 class II, NEC class 2 compliance
(models up to 90 W)
◆ UL 508 listed
◆ Power ranges from 12 to 150 W
◆ Universal input range 85 to 264 VAC
(auto range for 150 Watt models)
◆ Operating temperature range:
–25°C to +70°C max.
◆ Adjustable output voltage
◆ Short circuit and overload protection
◆ DC–OK indicator
◆ Easy snap-on mounting on DIN-rail
or with wall mounting bracket (included)
◆ 3-year product warranty




Similar Part No. - TBL

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TBL ATC-TBL Datasheet
363Kb / 1P
Flasher DIP Switch TDR
logo
Dialight Corporation
TBL-00-04T-00 DIALIGHT-TBL-00-04T-00 Datasheet
100Kb / 1P
Tactical Blackout Drive Light
logo
Same Sky Devices
TBL-0014-750 SAMESKY-TBL-0014-750 Datasheet
247Kb / 3P
TERMINAL BLOCK
09/12/2024
TBL-0014-750-01BE SAMESKY-TBL-0014-750-01BE Datasheet
247Kb / 3P
TERMINAL BLOCK
09/12/2024
TBL-0014-750-01GR SAMESKY-TBL-0014-750-01GR Datasheet
247Kb / 3P
TERMINAL BLOCK
09/12/2024
More results


Similar Description - TBL

ManufacturerPart #DatasheetDescription
logo
Power-One
DY570SE POWER-ONE-DY570SE Datasheet
1Mb / 3P
HES SERIES 150 WATT
HBS150YG-A POWER-ONE-HBS150YG-A Datasheet
88Kb / 3P
HBS SERIES - 150 WATT
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
15 WATT SERIES
PSF149-401 PHIHONG-PSF149-401 Datasheet
395Kb / 2P
150 Watt Universal Industrial Series
logo
SL Power Electronics
MENT1150 SLPOWER-MENT1150 Datasheet
259Kb / 2P
Universal Input 150 Watt Series
logo
DATEL, Inc.
EB48S15-10 DATEL-EB48S15-10 Datasheet
130Kb / 1P
Eighth-Brick 150-Watt, 15 Volts Output
EB24S15-10 DATEL-EB24S15-10 Datasheet
130Kb / 1P
Eighth-Brick 150-Watt, 15 Volts Output
QB300S15-8.4 DATEL-QB300S15-8.4 Datasheet
141Kb / 1P
Quarter-Brick, 150-Watt, 15 Volts Output
logo
TRACO Electronic AG
TBL-BC TRACOPOWER-TBL-BC Datasheet
434Kb / 5P
Industrial Power Supplies TBL-BC Series, 60 Watt
Rev. September 26. 2016
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com