Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCL Datasheet (PDF) - TRACO Electronic AG

TCL Datasheet PDF - TRACO Electronic AG
Part # TCL
Download  TCL Download
File Size   439.33 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TCL Series, 24 to 240 Watt

TCL Datasheet (PDF)

Go To PDF Page Download Datasheet
TCL Datasheet PDF - TRACO Electronic AG

Part # TCL
Download  TCL Click to download

File Size   439.33 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TCL Series, 24 to 240 Watt

TCL Datasheet (HTML) - TRACO Electronic AG


TCL Product details

Features
◆ For industrial, office and residential
applications
◆ Ultracompact plastic housing
◆ Connection by spring clamp terminals
or detachable screw terminal block
◆ Reliable snap-on mounting on DIN-rails
◆ Adaptor for wall mounting
◆ Universal input 85–264 VAC, 50/60 Hz
◆ Models with 5, 12, 24 & 48 VDC output
◆ Output voltage adjustable
◆ Power OK signal
◆ Low ripple and noise
◆ Overload and short-circuit protection
◆ Parallel operation possible
◆ Worldwide safety approvals
◆ Redundancy module
◆ 3-year product warranty




Similar Part No. - TCL

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
TCL EXXELIA-TCL Datasheet
793Kb / 18P
High Voltage Varnished Leaded Capacitors
02/21
logo
TRACO Electronic AG
TCL-012-124-DC TRACOPOWER-TCL-012-124-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-105-DC TRACOPOWER-TCL-024-105-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-112-DC TRACOPOWER-TCL-024-112-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TCL-024-124-DC TRACOPOWER-TCL-024-124-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
More results


Similar Description - TCL

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
Volgen 24 Watt Desktop Series
KTPS24-05040MP VOLGEN-KTPS24-05040MP Datasheet
4Mb / 1P
Volgen 24 Watt Series
KTPS24-05040WA VOLGEN-KTPS24-05040WA Datasheet
2Mb / 1P
Volgen 24 Watt Series
logo
ETA-USA
PLE-HSZ ETA-USA-PLE-HSZ Datasheet
609Kb / 3P
240 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TCL-DC TRACOPOWER-TCL-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TIB240-EX TRACOPOWER-TIB240-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 240-EX Series, 240 Watt
Rev. November 30, 2022
TIB240 TRACOPOWER-TIB240 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 240 Series, 240 Watt
Rev. November 30, 2022
TIW24 TRACOPOWER-TIW24 Datasheet
1Mb / 4P
AC/DC Power Supply TIW 24 Series, 24 Watt
Rev. November 30, 2022
TMM24 TRACOPOWER-TMM24 Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24 Series, 24 Watt
Rev. March 16, 2023
TXH240 TRACOPOWER-TXH240 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 240 Series, 240 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com