Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIS Datasheet (PDF) - TRACO Electronic AG

TIS Datasheet PDF - TRACO Electronic AG
Part # TIS
Download  TIS Download
File Size   952.44 Kbytes
Page   12 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TIS Series, 50–600 Watt

TIS Datasheet (PDF)

Go To PDF Page Download Datasheet
TIS Datasheet PDF - TRACO Electronic AG

Part # TIS
Download  TIS Click to download

File Size   952.44 Kbytes
Page   12 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TIS Series, 50–600 Watt

TIS Datasheet (HTML) - TRACO Electronic AG


TIS Product details

Features
◆ Switch mode power supplies for
DIN-rail mount
◆ 6 power ranges with 2, 3, 6, 12, 20 and
24 A output current (24 VDC models)
◆ Selectable 115/230 VAC input
◆ Very low ripple and noise
◆ EMI complies with EN 61000-6-3 and
EN 61000-6-4
◆ Operating temp. range –25°C to +70°C
◆ For system operation available with
built-in functions:
RED: Redundancy module for N+1
Systems with true current sharing
SIG: Signal module with AC-powerfail,
power good signal and
external On/Off control
UDS: DC-UPS module for uninterruptable
battery backed-up
power systems
◆ Worldwide safety approvals incl.
class I, div. 2 location
◆ Easy snap-on mount on DIN-rails
or chassis mount
◆ 3-year product warranty




Similar Part No. - TIS

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
Industrial Power Supplies
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
logo
Touchstone Semiconducto...
TIS150-124 TOUCHSTONE-TIS150-124 Datasheet
1Mb / 13P
Industrial Power Supplies
TIS150-148 TOUCHSTONE-TIS150-148 Datasheet
1Mb / 13P
Industrial Power Supplies
TIS300-124 TOUCHSTONE-TIS300-124 Datasheet
1Mb / 13P
Industrial Power Supplies
More results


Similar Description - TIS

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS050YE-A POWER-ONE-HBS050YE-A Datasheet
86Kb / 3P
HBS SERIES - 50 WATT
logo
Ohmite Mfg. Co.
TAP600J5R0E OHMITE-TAP600J5R0E Datasheet
100Kb / 1P
600 Watt Heat Sinkable Planar
logo
SL Power Electronics
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
Universal 50 Watt Series
logo
Microsemi Corporation
SMBJ24AE3 MICROSEMI-SMBJ24AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
SMBJ30CAE3 MICROSEMI-SMBJ30CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
SMBJ33AE3 MICROSEMI-SMBJ33AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
logo
Artesyn Technologies
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
600 Watt Bulk Front End
logo
Vicor Corporation
VI-MA1-EQ VICOR-VI-MA1-EQ Datasheet
2Mb / 4P
50 to 600 Watt Autoranging AC-DC Switchers
REV.3
logo
TRACO Electronic AG
TEN50 TRACOPOWER-TEN50 Datasheet
907Kb / 5P
TEN 50 Series, 50 Watt
Rev. November 30, 2022
TEN50WI TRACOPOWER-TEN50WI Datasheet
900Kb / 4P
TEN 50WI Series, 50 Watt
Rev. March 1, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com