Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP-TS Datasheet (PDF) - TRACO Electronic AG

TSP-TS Datasheet PDF - TRACO Electronic AG
Part # TSP-TS
Download  TSP-TS Download
File Size   580.88 Kbytes
Page   7 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Battery Controller Module

TSP-TS Datasheet (PDF)

Go To PDF Page Download Datasheet
TSP-TS Datasheet PDF - TRACO Electronic AG

Part # TSP-TS
Download  TSP-TS Click to download

File Size   580.88 Kbytes
Page   7 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Battery Controller Module

TSP-TS Datasheet (HTML) - TRACO Electronic AG


TSP-TS Product details

• Compact metal enclosure with DIN-rail
mount
• Uninterruptible power supply
(UPS) function
• For use with 24V lead-acid batteries
• Constant output voltage
• >96% efficiency during battery
operation
• >98% efficiency during pass-through
operation
• Integrated EN 55011 class B EMI filter
• Battery OK, input OK, output OK
signals
• Protection against: short circuit,
reverse polarity, overload, deepdischarge
protection
• 3-year product warranty




Similar Part No. - TSP-TS

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Similar Description - TSP-TS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
logo
TRACO Electronic AG
TSP-BCMU TRACOPOWER-TSP-BCMU Datasheet
1Mb / 8P
Battery Controller Module TSP-BCMU360 Series, 360 Watt
Rev. November 23, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com