Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMLM-20 Datasheet (PDF) - TRACO Electronic AG

TMLM-20 Datasheet PDF - TRACO Electronic AG
Part # TMLM-20
Download  TMLM-20 Download
File Size   264.54 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TML 100C Series, 85-100 Watt

TMLM-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMLM-20 Datasheet PDF - TRACO Electronic AG

Part # TMLM-20
Download  TMLM-20 Click to download

File Size   264.54 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TML 100C Series, 85-100 Watt

TMLM-20 Datasheet (HTML) - TRACO Electronic AG


TMLM-20 Product details

Features
u Very compact power modules
with screw terminal connection
u Active PFC, power factor >0.95 (230VAC),
>0.99 (115 VAC)
u High efficiency up to 93% typ.
u Remote On/Off input
u Adjustable output voltage ±5%
u LED output indicator
u Universal input 100-240 VAC nominal
u Low leakage current
u EMI meets EN 55032, class B
u Protection class ll prepared




Similar Part No. - TMLM-20

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMLM-20 TRACOPOWER-TMLM-20 Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
TMLM-20103 TRACOPOWER-TMLM-20103 Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
TMLM-20105 TRACOPOWER-TMLM-20105 Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
TMLM-20112 TRACOPOWER-TMLM-20112 Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
TMLM-20115 TRACOPOWER-TMLM-20115 Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
More results


Similar Description - TMLM-20

ManufacturerPart #DatasheetDescription
logo
Power-One
HBS POWER-ONE-HBS Datasheet
83Kb / 3P
HBS SERIES - 100 WATT
HBS100ZE-ANT POWER-ONE-HBS100ZE-ANT Datasheet
118Kb / 3P
HBS SERIES - 100 WATT
logo
Satco Products, Inc.
S7392 SATCO-S7392 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Mogul base; 120 volts
S7397 SATCO-S7397 Datasheet
126Kb / 1P
85 watt; T5 Compact Fluorescent; 2700K; 85 CRI; Medium base; 120 volts
S7398 SATCO-S7398 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 4100K; 85 CRI; Medium base; 120 volts
S7441 SATCO-S7441 Datasheet
125Kb / 1P
85 watt; T5 Compact Fluorescent; 6500K; 85 CRI; Mogul base; 120 volts
logo
TRACO Electronic AG
TML-20-40 TRACOPOWER-TML-20-40 Datasheet
369Kb / 5P
TML Series, 20&
Rev. March 21, 2023
TML-5-30 TRACOPOWER-TML-5-30 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
TEP100 TRACOPOWER-TEP100 Datasheet
1Mb / 5P
TEP 100 Series, 100 Watt
Rev. November 30, 2022
TOP100C TRACOPOWER-TOP100C Datasheet
3Mb / 5P
AC/DC Power Supply TOP 100C Series, 100 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com