Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS-10112 Datasheet (PDF) - TRACO Electronic AG

TMS-10112 Datasheet PDF - TRACO Electronic AG
Part # TMS-10112
Download  TMS-10112 Download
File Size   455.58 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TMS Series, 6to

TMS-10112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMS-10112 Datasheet PDF - TRACO Electronic AG

Part # TMS-10112
Download  TMS-10112 Click to download

File Size   455.58 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TMS Series, 6to

TMS-10112 Datasheet (HTML) - TRACO Electronic AG


TMS-10112 Product details

Features
◆ Compact AC/DC power supply
modules
◆ Fully encapsulated plastic package
◆ Universal input 85–264 VAC, 50/60 Hz
◆ High efficiency
◆ Low ripple and noise
◆ Overload protection
◆ EMI meets EN 55022, class B and
FCC, level B
◆ 3 package styles available:
– for PCB Mount with solder pins
– for chassis mount with FASTON-tabs
– for chassis mount with screw
terminals
◆ 3-year product warranty




Similar Part No. - TMS-10112

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
TMS-100A1-J TALEMA-TMS-100A1-J Datasheet
104Kb / 2P
10 Base-T Single Port SMD Transformer Modules
TMS-100A6-J TALEMA-TMS-100A6-J Datasheet
104Kb / 2P
10 Base-T Single Port SMD Transformer Modules
logo
Texas Instruments
TMS-102-02-G-S TI1-TMS-102-02-G-S Datasheet
1Mb / 32P
Contains all support circuitry needed
TMS-108-02-G-D TI1-TMS-108-02-G-D Datasheet
1Mb / 32P
Contains all support circuitry needed
More results


Similar Description - TMS-10112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
LC1D18M7 ETC2-LC1D18M7 Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
logo
PHOENIX CONTACT
1690749 PHOENIX-1690749 Datasheet
98Kb / 3P
HC-B 10-TMS-SD-IP50
1690765 PHOENIX-1690765 Datasheet
96Kb / 3P
HC-B 24-TMS-SD-IP50
1580504 PHOENIX-1580504 Datasheet
102Kb / 4P
HC-B 24-TMS-100/O1STM32G-EEE
1604081 PHOENIX-1604081 Datasheet
97Kb / 4P
HC-B 6-TMS-100/O1STM20S-STA
1636994 PHOENIX-1636994 Datasheet
98Kb / 3P
HC-B 24-TMS-100/O1STM32G-STAIM
1690082 PHOENIX-1690082 Datasheet
109Kb / 4P
HC-B 10-TMS-100/O1STM25S-STA
1690244 PHOENIX-1690244 Datasheet
97Kb / 4P
HC-B 16-TMS-100/O1STM32S-STA
1584198 PHOENIX-1584198 Datasheet
65Kb / 4P
Screw - HC-B-TMS-ERSSCHR
09/11/2020
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com