Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSPC Datasheet (PDF) - TRACO Electronic AG

TSPC Datasheet PDF - TRACO Electronic AG
Part # TSPC
Download  TSPC Download
File Size   715.35 Kbytes
Page   9 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Industrial Power Supplies TSPC Series, 50–480 Watt

TSPC Datasheet (PDF)

Go To PDF Page Download Datasheet
TSPC Datasheet PDF - TRACO Electronic AG

Part # TSPC
Download  TSPC Click to download

File Size   715.35 Kbytes
Page   9 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Industrial Power Supplies TSPC Series, 50–480 Watt

TSPC Datasheet (HTML) - TRACO Electronic AG


TSPC Product details

* Rugged metal case for harsh industrial
environments
* Industrial operating temperature
range: –25°C to +70°C
* Overload and and overtemperature
protection
* Power boost up to 120 %
* Power-Good signal
* Shock and vibration proof
* International safety approval package
* ATEX certification for hazardous
locations
* Decoupling module for redundant
operation (optional)
* Wall mounting (opt.)
* 3-year product warranty




Similar Part No. - TSPC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TSPC GREYSTONE-TSPC Datasheet
179Kb / 2P
ROOM TEMPERATURE SENSOR
logo
TRACO Electronic AG
TSPC-080 TRACOPOWER-TSPC-080 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-120TSPC-240 TRACOPOWER-TSPC-120TSPC-240 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
TSPC-DCM-600 TRACOPOWER-TSPC-DCM-600 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
More results


Similar Description - TSPC

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
450-480 MHz 50 Watt Ultra Linear Power Amplifier
logo
RSG Electronic Componen...
PU65 RSG-PU65_14 Datasheet
116Kb / 2P
50-65 WATT SWITCHING POWER SUPPLIES
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
50-150W Single Output Industrial Power Supplies
logo
TRACO Electronic AG
TSP-WR TRACOPOWER-TSP-WR Datasheet
795Kb / 8P
Industrial Power Supplies TSP-WR Series, 180–600 Watt
Rev. November 23, 2018
TSP TRACOPOWER-TSP Datasheet
853Kb / 9P
Industrial Power Supplies TSP-Series
Rev. December 5, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
TIB480-EX TRACOPOWER-TIB480-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 480-EX Series, 480 Watt
Rev. November 30, 2022
TIB480 TRACOPOWER-TIB480 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
TXH480 TRACOPOWER-TXH480 Datasheet
2Mb / 5P
AC/DC Power Supply TXH 480 Series, 480 Watt
Rev. October 21, 2020
TBL-BC TRACOPOWER-TBL-BC Datasheet
434Kb / 5P
Industrial Power Supplies TBL-BC Series, 60 Watt
Rev. September 26. 2016
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com