Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1657 Datasheet (PDF) - Renesas Technology Corp

2SB1657 Datasheet PDF - Renesas Technology Corp
Part # 2SB1657
Download  2SB1657 Download
File Size   174.75 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR

2SB1657 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1657 Datasheet PDF - Renesas Technology Corp

Part # 2SB1657
Download  2SB1657 Click to download

File Size   174.75 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON TRANSISTOR

2SB1657 Datasheet (HTML) - Renesas Technology Corp


2SB1657 Product details

AUDIO FREQUENCY AMPLIFIER, SWITCHING
PNP SILICON EPITAXIAL TRANSISTORS

FEATURES
· Low VCE(sat)
VCE(sat) = -0.15 V Max (@lC/lB = 0.5 A/25 mA)
· High DC Current Gain
hFE = 150 to 600 (@VCE = -2.0 V, lC = -0.5 A)
ABSOLUTE MAXIMUM RATINGS
Maximum Voltage and Current (TA = 25 °C)
Collector to Base Voltage VCB0 -30 V
Collector to Emitter Volteage VCE0 -30 V
Emitter to Base Voltage VEB0 -6.0 V
Collector Current (DC) IC(DC) -5.0 A
Collector Current (Pulse)* IC(Pulse) -8.0 A
Base Current (DC) IB(DC) -1.0 A
* PW £ 10ms, Duty Cycle £ 10 %
Maximum Power Dissipation
Total Power Dissipation (TC = 25 °C) PT 10 W
Total Power Dissipation (TA = 25 °C) PT 1.0 W
Maximum Temperature
Junction Temperature Tj 150 °C
Storage Temperature Tstg -55 to 150 °C




Similar Part No. - 2SB1657

ManufacturerPart #DatasheetDescription
logo
NEC
2SB1657 NEC-2SB1657 Datasheet
47Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
logo
Savantic, Inc.
2SB1657 SAVANTIC-2SB1657 Datasheet
101Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1657 JMNIC-2SB1657 Datasheet
153Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1657 ISC-2SB1657 Datasheet
128Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1657 SAVANTIC-2SB1657 Datasheet
102Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB1657

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
SILICON TRANSISTOR
MPS3569 MICRO-ELECTRONICS-MPS3569 Datasheet
54Kb / 2P
SILICON TRANSISTOR
logo
NEC
FA1A3Q NEC-FA1A3Q Datasheet
161Kb / 4P
SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Renesas Technology Corp
FA1A4Z RENESAS-FA1A4Z Datasheet
282Kb / 6P
SILICON TRANSISTOR
1987
FA4A4M RENESAS-FA4A4M Datasheet
521Kb / 24P
SILICON TRANSISTOR
2002
FN1F4M RENESAS-FN1F4M Datasheet
304Kb / 6P
SILICON TRANSISTOR
1985
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com