Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA1 Datasheet (PDF) - TRACO Electronic AG

TBA1 Datasheet PDF - TRACO Electronic AG
Part # TBA1
Download  TBA1 Download
File Size   818.6 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TBA 1 Series, 1 Watt

TBA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBA1 Datasheet PDF - TRACO Electronic AG

Part # TBA1
Download  TBA1 Click to download

File Size   818.6 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TBA 1 Series, 1 Watt

TBA1 Datasheet (HTML) - TRACO Electronic AG


TBA1 Product details

• Continuous short circuit protection
• I/O isolation: 1'060 VAC
• Operating temperature range
-40 to +85 °C without derating
• Input voltage ranges (±10%):
3.3, 5, 12, 24 VDC
• High efficiency up to 82%
• SIP-4 package
• Unregulated outputs
• 3-year product warranty




Similar Part No. - TBA1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TBA1-0511E TRACOPOWER-TBA1-0511E Datasheet
1,017Kb / 3P
DC/DC Converter TBA 1E Series, 1 Watt
Rev. November 30, 2022
TBA1-0511HI TRACOPOWER-TBA1-0511HI Datasheet
800Kb / 4P
DC/DC Converter TBA 1HI Series, 1 Watt
Rev. November 30, 2022
TBA1-0512E TRACOPOWER-TBA1-0512E Datasheet
1,017Kb / 3P
DC/DC Converter TBA 1E Series, 1 Watt
Rev. November 30, 2022
TBA1-0512HI TRACOPOWER-TBA1-0512HI Datasheet
800Kb / 4P
DC/DC Converter TBA 1HI Series, 1 Watt
Rev. November 30, 2022
TBA1-0513E TRACOPOWER-TBA1-0513E Datasheet
1,017Kb / 3P
DC/DC Converter TBA 1E Series, 1 Watt
Rev. November 30, 2022
More results


Similar Description - TBA1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
1 Watt | DC-DC Converter
logo
TRACO Electronic AG
TBA1E TRACOPOWER-TBA1E Datasheet
1,017Kb / 3P
DC/DC Converter TBA 1E Series, 1 Watt
Rev. November 30, 2022
TBA1HI TRACOPOWER-TBA1HI Datasheet
800Kb / 4P
DC/DC Converter TBA 1HI Series, 1 Watt
Rev. November 30, 2022
TMR1 TRACOPOWER-TMR1 Datasheet
869Kb / 4P
DC/DC Converter TMR 1 Series, 1 Watt
Rev. November 30, 2022
TRN1 TRACOPOWER-TRN1 Datasheet
801Kb / 4P
DC/DC Converter TRN 1 Series, 1 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com